Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD16M64F8V-13 Datasheet(PDF) 9 Page - Hanbit Electronics Co.,Ltd

Part # HSD16M64F8V-13
Description  Synchronous DRAM Module, 128Mbyte ( 16M x 64-Bit ) SMM based on 16Mx8 4Banks, 4K Ref., 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD16M64F8V-13 Datasheet(HTML) 9 Page - Hanbit Electronics Co.,Ltd

Back Button HSD16M64F8V-13 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD16M64F8V-13 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD16M64F8V-13 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD16M64F8V-13 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD16M64F8V-13 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD16M64F8V-13 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD16M64F8V-13 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD16M64F8V-13 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HSD16M64F8V-13 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HANBit
HSD16M64F8V/VA
URL: www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
9
TIMING DIAGRAMS
Please refer to timing diagram chart (II)
PACKAGING INFORMATION
Unit : mm
HSD16M64F8V
Connector Configuration
- Module PCB Bottom (PM) : 177986-2, 0.8mm Free Height Plugs, 60pins
- Main Board top (PB) : 5-179180-2,0.8mm Free Height Receptacles , 60pins
HSD16M64F8VA
0.90
0.90
82.68
.
5.00
0.90
30.00
0.90
5.00
P2
31
60
1
30
P1
31
60
1
30
Bottom View
9.00
8.00
7.75
4.6
MAIN BOARD
1.30
T = 11.3
PM
PB


Similar Part No. - HSD16M64F8V-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64F8K HANBIT-HSD16M64F8K Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
HSD16M64F8K-10L HANBIT-HSD16M64F8K-10L Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
More results

Similar Description - HSD16M64F8V-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64F8K HANBIT-HSD16M64F8K Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
HSD16M32F4V HANBIT-HSD16M32F4V Datasheet
103Kb / 11P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) SMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD8M64F8V HANBIT-HSD8M64F8V Datasheet
106Kb / 10P
   Synchronous DRAM Module 64Mbyte ( 8M x 64-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M32M4V HANBIT-HSD16M32M4V Datasheet
106Kb / 10P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) 72-Pin SIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M32F4VP HANBIT-HSD16M32F4VP Datasheet
96Kb / 9P
   Synchronous DRAM Module, 64Mbyte ( 16M x 32-Bit ) SMM based on 2Mx16Bitx4Banks, 4K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com