Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD16M72D9A-F13 Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HMD16M72D9A-F13
Description  Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD16M72D9A-F13 Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

  HMD16M72D9A-F13 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD16M72D9A-F13 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD16M72D9A-F13 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD16M72D9A-F13 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD16M72D9A-F13 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD16M72D9A-F13 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD16M72D9A-F13 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMD16M72D9A-F13 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMD16M72D9A-F13 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HANBit
HSD16M72D9A
URL:www.hbe.co.kr
- 6 -
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4Banks Activated
tCCD = 2CLKs
150
145
125
125
mA
1
Refresh current
ICC5
tRC ≥ tRC(min)
220
220
210
210
mA
2
1.5
mA
Self refresh current
ICC6
CKE
≤ 0.2V
800
mA
Notes:
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noticed, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ).
AC OPERATING TEST CONDITIONS
(vcc = 3.3V
± 0.3V, TA = 0 to 70° C)
PARAMETER
Value
UNIT
AC Input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
VERSION
PARAMETER
SYMBOL
-13
-12
-10
-10L
UNIT
NOTE
Row active to row active delay
tRRD(min)
15
16
20
20
ns
1
RAS to CAS delay
tRP(min)
20
20
20
20
ns
1
Row precharge time
tRP(min)
20
20
20
20
ns
1
tRAS(min)
45
48
50
50
ns
1
Row active time
tRAS(max)
100
ns
Row cycle time
tRC(min)
65
68
70
70
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2
Last data in to Active delay
tDAL(min)
2 CLK + 20 ns
-
+3.3V
1200
870
50pF*
DOUT
Vtt=1.4V
50
50pF
DOUT
Z0=50
VOH (DC) = 2.4V, IOH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
(Fig. 1) DC output load
circuit
(Fig. 2) AC output load circuit


Similar Part No. - HMD16M72D9A-F13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD16M32M8EH HANBIT-HMD16M32M8EH Datasheet
88Kb / 9P
   64Mbyte (16Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD16M32M8EH-5 HANBIT-HMD16M32M8EH-5 Datasheet
88Kb / 9P
   64Mbyte (16Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD16M32M8EH-6 HANBIT-HMD16M32M8EH-6 Datasheet
88Kb / 9P
   64Mbyte (16Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD16M32M8G HANBIT-HMD16M32M8G Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
HMD16M32M8G-5 HANBIT-HMD16M32M8G-5 Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
More results

Similar Description - HMD16M72D9A-F13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD8M72D9A HANBIT-HSD8M72D9A Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18P HANBIT-HSD32M72D18P Datasheet
179Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18R HANBIT-HSD32M72D18R Datasheet
177Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D18A HANBIT-HSD16M72D18A Datasheet
188Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx72bit), DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com