Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD16M72D18A-10L Datasheet(PDF) 10 Page - Hanbit Electronics Co.,Ltd

Part # HSD16M72D18A-10L
Description  Synchronous DRAM Module 128Mbyte (16Mx72bit), DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD16M72D18A-10L Datasheet(HTML) 10 Page - Hanbit Electronics Co.,Ltd

Back Button HSD16M72D18A-10L Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD16M72D18A-10L Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD16M72D18A-10L Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD16M72D18A-10L Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD16M72D18A-10L Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD16M72D18A-10L Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD16M72D18A-10L Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD16M72D18A-10L Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD16M72D18A-10L Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HANBit
HSD16M72D18A
URL: www.hbe.co.kr
10
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
PACKAGING INFORMATION
Unit : inch [mm]
PCB 두께
:
1.27
±0.008 [ ±0.20 ]
ORDERING INFORMATION
F means Auto & Self refresh with Low-Power (3.3V)
Part Number
Density
Org.
Package
Ref.
Vcc
MODE
MAX.frq
HSD16M72D18A-13
128MByte
16M x 72
168 Pin-DIMM
4K
3.3V
ECC/
Unbuffered
CL3
133MHz
HSD16M72D18A-13H
128MByte
16M x 72
168 Pin-DIMM
4K
3.3V
ECC/
Unbuffered
CL2
133MHz
HSD16M72D18A-12
128MByte
16M x 72
168 Pin-DIMM
4K
3.3V
ECC/
Unbuffered
CL3
125MHz
HSD16M72D18A-10L
128MByte
16M x 72
168 Pin-DIMM
4K
3.3V
ECC/
Unbuffered
CL3
100MHz
HSD16M72D18A-10
128MByte
16M x 72
168 Pin-DIMM
4K
3.3V
ECC/
Unbuffered
CL2
100MHz
HSD16M72D18A-F13
128MByte
16M x 72
168 Pin-DIMM
4K
3.3V
ECC/
Unbuffered
CL3
133MHz
HSD16M72D18A-F12
128MByte
16M x 72
168 Pin-DIMM
4K
3.3V
ECC/
Unbuffered
CL3
125MHz
HSD16M72D18A-F10L
128MByte
16M x 72
168 Pin-DIMM
4K
3.3V
ECC/
Unbuffered
CL3
100MHz
HSD16M72D18A-F10
128MByte
16M x 72
168 Pin-DIMM
4K
3.3V
ECC/
Unbuffered
CL2
100MHz


Similar Part No. - HSD16M72D18A-10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD16M72D18A-10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD8M72D9A HANBIT-HSD8M72D9A Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18P HANBIT-HSD32M72D18P Datasheet
179Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18R HANBIT-HSD32M72D18R Datasheet
177Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com