Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD16M64F8VA-13 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HSD16M64F8VA-13
Description  Synchronous DRAM Module, 128Mbyte ( 16M x 64-Bit ) SMM based on 16Mx8 4Banks, 4K Ref., 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD16M64F8VA-13 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HSD16M64F8VA-13 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HSD16M64F8VA-13 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD16M64F8VA-13 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD16M64F8VA-13 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD16M64F8VA-13 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD16M64F8VA-13 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD16M64F8VA-13 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD16M64F8VA-13 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD16M64F8VA-13 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HANBit
HSD16M64F8V/VA
URL: www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
1
PIN ASSIGNMENT
Stackable Memory Module TOP VIEW
GENERAL DESCRIPTION
The HSD16M64F8V/VA is a 16M x 64 bit Synchronous Dynamic RAM high density memory module. The module
consists of eight CMOS 4M x 8 bit with 4banks Synchronous DRAMs in TSOP-II packages is mounted on a 120-pin,
double-sided, FR-4-printed circuit board., Two 0.1uF decoupling capacitors are mounted on the printed circuit board in
parallel for each SDRAM. The HSD16M64F8V/VA is a SMM (Stackable Memory Module) designed and is intended for
mounting into two 60-pin connector sockets. Synchronous design allows precise cycle control with the use of system clock.
I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable latencies allows the
same device to be useful for a variety of high bandwidth, high performance memory system applications All module
components may be powered from a single 3.3V DC power supply and all inputs and outputs are LVTTL-compatible.
FEATURES
Part Identification
HSD16M64F8V :
Stacking Height ( T = 11.3mm )
HSD16M64F8VA :
Stacking Height ( T = 7.3mm )
• Burst mode operation
• Auto & self refresh capability (4K Cycles/64ms)
• LVTTL compatible inputs and outputs
• Single 3.3V
±0.3V power supply
• MRS cycle with address key programs
- Latency (Access from column address)
- Burst length (1, 2, 4, 8 & Full page)
- Data scramble (Sequential & Interleave)
• All inputs are sampled at the positive going edge
of the system clock
• 120pin-SMM type FR4-PCB design
• The used device is 16Mx8bit SRAM
• Pin assignment is compatible with
- HSD8M64F8V
- HSD32M64F8V
Synchronous DRAM Module, 128Mbyte ( 16M x 64-Bit ) SMM based on 16Mx8
4Banks, 4K Ref., 3.3V
Part No.
HSD16M64F8V/VA
60-PIN P1 Connector
60-PIN P2 Connector
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
1
Vcc
31
Vss
1
Vss
31
Vcc
2
DQ32
32
DQ0
2
DQ16
32
DQ48
3
DQ33
33
DQ1
3
DQ17
33
DQ49
4
DQ34
34
DQ2
4
DQ18
34
DQ50
5
DQ35
35
DQ3
5
DQ19
35
DQ51
6
DQ36
36
DQ4
6
DQ20
36
DQ52
7
DQ37
37
DQ5
7
DQ21
37
DQ53
8
DQ38
38
DQ6
8
DQ22
38
DQ54
9
DQ39
39
DQ7
9
DQ23
39
DQ55
10
Vcc
40
Vss
10
Vss
40
Vcc
11
DQ40
41
DQ8
11
DQ24
41
DQ56
12
DQ41
42
DQ9
12
DQ25
42
DQ57
13
DQ42
43
DQ10
13
DQ26
43
DQ58
14
DQ43
44
DQ11
14
DQ27
44
DQ59
15
DQ44
45
DQ12
15
DQ28
45
DQ60
16
DQ45
46
DQ13
16
DQ29
46
DQ61
17
DQ46
47
DQ14
17
DQ30
47
DQ62
18
DQ47
48
DQ15
18
DQ31
48
DQ63
19
Vcc
49
Vss
19
Vss
49
Vcc
20
DQM4
50
DQM0
20
DQM2
50
DQM6
21
DQM5
51
DQM1
21
DQM3
51
DQM7
22
NC
52
/WE
22
NC
52
NC(A12)
23
CKE0
53
CLK0
23
BA0
53
A11
24
CKE1
54
CLK1
24
BA1
54
A9
25
Vcc
55
Vss
25
A10/AP
55
A8
26
NC
56
/CAS
26
A0
56
A7
27
NC
57
/RAS
27
A1
57
A6
28
/CE2
58
/CE0
28
A2
58
A5
29
NC
59
NC
29
A3
59
A4
30
Vcc
60
Vss
30
Vss
60
Vcc


Similar Part No. - HSD16M64F8VA-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64F8K HANBIT-HSD16M64F8K Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
HSD16M64F8K-10L HANBIT-HSD16M64F8K-10L Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
More results

Similar Description - HSD16M64F8VA-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64F8K HANBIT-HSD16M64F8K Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
HSD16M32F4V HANBIT-HSD16M32F4V Datasheet
103Kb / 11P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) SMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD8M64F8V HANBIT-HSD8M64F8V Datasheet
106Kb / 10P
   Synchronous DRAM Module 64Mbyte ( 8M x 64-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M32M4V HANBIT-HSD16M32M4V Datasheet
106Kb / 10P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) 72-Pin SIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M32F4VP HANBIT-HSD16M32F4VP Datasheet
96Kb / 9P
   Synchronous DRAM Module, 64Mbyte ( 16M x 32-Bit ) SMM based on 2Mx16Bitx4Banks, 4K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com