Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD32M64D8H-80 Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HSD32M64D8H-80
Description  Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD32M64D8H-80 Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

Back Button HSD32M64D8H-80 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD32M64D8H-80 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD32M64D8H-80 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD32M64D8H-80 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD32M64D8H-80 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD32M64D8H-80 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD32M64D8H-80 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD32M64D8H-80 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD32M64D8H-80 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HANBit
HSD32M64D8H
URL:www.hbe.co.kr
- 7 -
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
VERSION
PARAMETER
SYMBOL
-75
-80
-10
-10L
UNIT
NOTE
Row active to row active delay
tRRD(min)
15
16
20
20
ns
1
RAS to CAS delay
tRP(min)
20
20
20
20
ns
1
Row precharge time
tRP(min)
20
20
20
20
ns
1
tRAS(min)
45
48
50
50
ns
1
Row active time
tRAS(max)
100
ns
Row cycle time
tRC(min)
65
68
70
70
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2
Last data in to Active delay
tDAL(min)
2 CLK + 20 ns
-
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
3
CAS latency=3
2
Number of valid output data
CAS latency=2
-
1
ea
4
Notes :
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and
then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
.5. For -8/H/L/10, tRDL=1CLK and tDAL=1CLK+20ns is also supported .
( recommend : tRDL=2CLK and tDAL=2CLK + 20ns.)
AC CHARACTERISTICS
(AC operating conditions unless otherwise noted)
-75
-80
-10
-10L
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
NOTE
CAS
latency=3
7.5
8
10
10
CLK cycle time
CAS
latency=2
tCC
-
1000
-
1000
10
1000
12
1000
ns
1
CAS
latency=3
5.4
6
6
6
CLK to valid
output delay
CAS
latency=2
tSAC
-
-
6
7
ns
1,2
Output data
hold time
CAS
latency=3
tOH
2.7
3
3
3
ns
2


Similar Part No. - HSD32M64D8H-80

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64D8A HANBIT-HSD32M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD32M64D8KP HANBIT-HSD32M64D8KP Datasheet
814Kb / 29P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM Unbuffered with Based on Stacked 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D8KP-10L HANBIT-HSD32M64D8KP-10L Datasheet
814Kb / 29P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM Unbuffered with Based on Stacked 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D8KP-13 HANBIT-HSD32M64D8KP-13 Datasheet
814Kb / 29P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM Unbuffered with Based on Stacked 16Mx8, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD32M64D8H-80

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64B8A HANBIT-HSD32M64B8A Datasheet
91Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx64Bit), SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M72D9H HANBIT-HSD32M72D9H Datasheet
158Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit),DIMM with ECC based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16A HANBIT-HSD32M64D16A Datasheet
152Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on16Mx8, 4Banks, 4K Ref., 3.3V
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HSD32M64D16R HANBIT-HSD32M64D16R Datasheet
176Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64D8A HANBIT-HSD32M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD32M64F8V HANBIT-HSD32M64F8V Datasheet
89Kb / 11P
   Synchronous DRAM Module, 256Mbyte ( 32M x 64-Bit ) SMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD32M64D8KP HANBIT-HSD32M64D8KP Datasheet
814Kb / 29P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM Unbuffered with Based on Stacked 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com