Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABTH16646DGG Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ABTH16646DGG
Description  16-bit bus transceiver/register 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16646DGG Datasheet(HTML) 4 Page - NXP Semiconductors

  74ABTH16646DGG Datasheet HTML 1Page - NXP Semiconductors 74ABTH16646DGG Datasheet HTML 2Page - NXP Semiconductors 74ABTH16646DGG Datasheet HTML 3Page - NXP Semiconductors 74ABTH16646DGG Datasheet HTML 4Page - NXP Semiconductors 74ABTH16646DGG Datasheet HTML 5Page - NXP Semiconductors 74ABTH16646DGG Datasheet HTML 6Page - NXP Semiconductors 74ABTH16646DGG Datasheet HTML 7Page - NXP Semiconductors 74ABTH16646DGG Datasheet HTML 8Page - NXP Semiconductors 74ABTH16646DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16646
74ABTH16646
16-bit bus transceiver/register (3-State)
1998 Feb 27
4
LOGIC SYMBOL (IEEE/IEC)
3 EN1 [BA]
SH00025
1
28
30
29
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
6D
2
56
55
27
G3
C4
G7
26
3 EN2 [AB]
G5
C6
G10
10 EN8 [BA]
10 EN9 [AB]
C11
G12
C13
G14
w1
∇1
7
17
54D
5 1
w1
2
w1
∇8
13D
14
114
w1
9
12
11D
12
1
1OE
1DIR
1CPBA
1SBA
1CPAB
1SAB
2OE
2DIR
2CPBA
2SBA
2CPAB
2SAB
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
LOGIC SYMBOL
2
3
1CPAB
1SAB
1
1DIR
55
1CPBA
27
26
2CPAB
2SAB
28
2DIR
30
2CPBA
54
1SBA
56
1OE
31
2SBA
29
2OE
5
9
10
12
13
14
68
52
51
49
48
47
45 44
43
15
16
17
19
20
21 23
24
42
41
40
38
37
36 34
33
1A0 1A1 1A2 1A3 1A4 1A5 1A6 1A7
1B0 1B1 1B2 1B3 1B4 1B5 1B6 1B7
2A0 2A1 2A2 2A3 2A4 2A5 2A6 2A7
2B0 2B1 2B2 2B3 2B4 2B5 2B6 2B7
SH00027


Similar Part No. - 74ABTH16646DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABTH162240 PHILIPS-74ABTH162240 Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DGG PHILIPS-74ABTH162240DGG Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DL PHILIPS-74ABTH162240DL Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162244 PHILIPS-74ABTH162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABTH162244DGG PHILIPS-74ABTH162244DGG Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
More results

Similar Description - 74ABTH16646DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com