Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD32M64B8A-F10L Datasheet(PDF) 11 Page - Hanbit Electronics Co.,Ltd

Part # HSD32M64B8A-F10L
Description  Synchronous DRAM Module 256Mbyte (32Mx64Bit), SO-DIMM, 4Banks, 8K Ref., 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD32M64B8A-F10L Datasheet(HTML) 11 Page - Hanbit Electronics Co.,Ltd

Back Button HSD32M64B8A-F10L Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HANBit
HSD32M64B8A
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.1.0(August.2002)
11
ORDERING INFORMATION
Part Number
Density
Org.
Package
Ref.
Vcc
Bank
MAX.frq
HSD32M64B8A-13
256MByte
32M x 64
144 Pin-SODIMM
8K
3.3V
4Bank
CL3
133MHz
HSD32M64B8A-12
256MByte
32M x 64
144 Pin-SODIMM
8K
3.3V
4Bank
CL3
125MHz
HSD32M64B8A-10L
256MByte
32M x 64
144 Pin-SODIMM
8K
3.3V
4Bank
CL3
100MHz
HSD32M64B8A-10
256MByte
32M x 64
144 Pin-SODIMM
8K
3.3V
4Bank
CL2
100MHz
HSD32M64B8A-F13
256MByte
32M x 64
144 Pin-SODIMM
8K
3.3V
4Bank
CL3
133MHz
HSD32M64B8A-F12
256MByte
32M x 64
144 Pin-SODIMM
8K
3.3V
4Bank
CL3
125MHz
HSD32M64B8A-F10L
256MByte
32M x 64
144 Pin-SODIMM
8K
3.3V
4Bank
CL3
100MHz
HSD32M64B8A-F10
256MByte
32M x 64
144 Pin-SODIMM
8K
3.3V
4Bank
CL2
100MHz
F means Auto & Self refresh with Low-Power (3.3V)


Similar Part No. - HSD32M64B8A-F10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64B8W HANBIT-HSD32M64B8W Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M64B8W DLGHANBIT-HSD32M64B8W Datasheet
539Kb / 9P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SODIMM, 4Banks, 8K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M64B8W-10 HANBIT-HSD32M64B8W-10 Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64B8W-10L HANBIT-HSD32M64B8W-10L Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64B8W-12 HANBIT-HSD32M64B8W-12 Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
More results

Similar Description - HSD32M64B8A-F10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64D8H HANBIT-HSD32M64D8H Datasheet
84Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64B8W HANBIT-HSD32M64B8W Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64D16A HANBIT-HSD32M64D16A Datasheet
152Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16R HANBIT-HSD32M64D16R Datasheet
176Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD64M64B8W HANBIT-HSD64M64B8W Datasheet
85Kb / 10P
   Synchronous DRAM Module 512Mbyte(64Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64D8KP HANBIT-HSD32M64D8KP Datasheet
814Kb / 29P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM Unbuffered with Based on Stacked 16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M64B8W DLGHANBIT-HSD32M64B8W Datasheet
539Kb / 9P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SODIMM, 4Banks, 8K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com