Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD32M64B8A-F10L Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # HSD32M64B8A-F10L
Description  Synchronous DRAM Module 256Mbyte (32Mx64Bit), SO-DIMM, 4Banks, 8K Ref., 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD32M64B8A-F10L Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  HSD32M64B8A-F10L Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD32M64B8A-F10L Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HANBit
HSD32M64B8A
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.1.0(August.2002)
2
PIN ASSIGNMENT
** These pins should be NC in the system which does not support SPD
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
1
Vss
2
Vss
49
DQ13
50
DQ45
97
DQ22
98
DQ54
3
DQ0
4
DQ32
51
DQ14
52
DQ46
99
DQ23
100
DQ55
5
DQ1
6
DQ33
53
DQ15
54
DQ47
101
VDD
102
VDD
7
DQ2
8
DQ34
55
Vss
56
Vss
103
A6
104
A7
9
DQ3
10
DQ35
57
NC
58
NC
105
A8
106
BA0
11
VDD
12
VDD
59
NC
60
NC
107
Vss
108
Vss
13
DQ4
14
DQ36
61
CLK0
62
CKE0
109
A9
110
BA1
15
DQ5
16
DQ37
63
VDD
64
VDD
111
A10_AP
112
A11
17
DQ6
18
DQ38
65
/RAS
66
/CAS
113
VDD
114
VDD
19
DQ7
20
DQ39
67
/WE
68
NC
115
DQM2
116
DQM6
21
Vss
22
Vss
69
/CS0
70
A12
117
DQM3
118
DQM7
23
DQM0
24
DQM4
71
NC
72
NC
119
Vss
120
Vss
25
DQM1
26
DQM5
73
NC
74
CLK1
121
DQ24
122
DQ56
27
VDD
28
VDD
75
Vss
76
Vss
123
DQ25
124
DQ57
29
A0
30
A3
77
NC
78
NC
125
DQ26
126
DQ58
31
A1
32
A4
79
NC
80
NC
127
DQ27
128
DQ59
33
A2
34
A5
81
VDD
82
VDD
129
VDD
130
VDD
35
Vss
36
Vss
83
DQ16
84
DQ48
131
DQ28
132
DQ60
37
DQ8
38
DQ40
85
DQ17
86
DQ49
133
DQ29
134
DQ61
39
DQ9
40
DQ41
87
DQ18
88
DQ50
135
DQ30
136
DQ62
41
DQ10
42
DQ42
89
DQ19
90
DQ51
137
DQ31
138
DQ63
43
DQ11
44
DQ43
91
Vss
92
Vss
139
Vss
140
Vss
45
VDD
46
VDD
93
DQ20
94
DQ52
141
**SDA
142
**SCL
47
DQ12
48
DQ44
95
DQ21
96
DQ53
143
VDD
144
VDD


Similar Part No. - HSD32M64B8A-F10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64B8W HANBIT-HSD32M64B8W Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M64B8W DLGHANBIT-HSD32M64B8W Datasheet
539Kb / 9P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SODIMM, 4Banks, 8K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M64B8W-10 HANBIT-HSD32M64B8W-10 Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64B8W-10L HANBIT-HSD32M64B8W-10L Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64B8W-12 HANBIT-HSD32M64B8W-12 Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
More results

Similar Description - HSD32M64B8A-F10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64D8H HANBIT-HSD32M64D8H Datasheet
84Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64B8W HANBIT-HSD32M64B8W Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64D16A HANBIT-HSD32M64D16A Datasheet
152Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16R HANBIT-HSD32M64D16R Datasheet
176Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD64M64B8W HANBIT-HSD64M64B8W Datasheet
85Kb / 10P
   Synchronous DRAM Module 512Mbyte(64Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64D8KP HANBIT-HSD32M64D8KP Datasheet
814Kb / 29P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM Unbuffered with Based on Stacked 16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M64B8W DLGHANBIT-HSD32M64B8W Datasheet
539Kb / 9P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SODIMM, 4Banks, 8K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com