Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD32M64D16A-10 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HSD32M64D16A-10
Description  Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on16Mx8, 4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD32M64D16A-10 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HSD32M64D16A-10 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HSD32M64D16A-10 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD32M64D16A-10 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD32M64D16A-10 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD32M64D16A-10 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD32M64D16A-10 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD32M64D16A-10 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD32M64D16A-10 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD32M64D16A-10 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HANBit
HSD32M64D16A
URL: www.hbe.co.kr
1
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
GENERAL DESCRIPTION
The HSD32M64D16A is a 32M x 64 bit Synchronous Dynamic RAM high-density memory module. The module consists
of sixteen CMOS 16M x 8 bit with 4banks Synchronous DRAMs in TSOP-II 400mil packages and 2K EEPROM in 8-pin
TSSOP package on a 168-pin glass-epoxy. Two 0.1uF-decoupling capacitors are mounted on the printed circuit board in
parallel for each SDRAM. The HSD32M64D16A is a DIMM (Dual in line Memory Module) and is intended for mounting
into 168-pin edge connector sockets. Synchronous design allows precise cycle control with the use of system clock. I/O
transactions are possible on every clock cycle. Range of operating frequencies, programmable latencies allows the same
device to be useful for a variety of high bandwidth, high performance memory system applications All module
components may be powered from a single 3.3V DC power supply and all inputs and outputs are LVTTL-compatible.
FEATURES
Part Identification
HSD32M64D16A-F/10L : 100MHz (CL=3)
HSD32M64D16A-F/10 : 100MHz (CL=2)
HSD32M64D16A-F/12 : 125MHz (CL=3)
HSD32M64D16A-F/13 : 1335MHz (CL=3)
F means Auto & Self refresh with Low-Power (3.3V)
• Burst mode operation
• Auto & self refresh capability (4096 Cycles/64ms)
• LVTTL compatible inputs and outputs
• Single 3.3V
±0.3V power supply
• MRS cycle with address key programs
- Latency (Access from column address)
- Burst length (1, 2, 4, 8 & Full page)
- Data scramble (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system clock
• The used device is 4M x 8bit x 4Banks SDRAM
Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based
on16Mx8, 4Banks, 4K Ref., 3.3V
Part No. HSD32M64D16A


Similar Part No. - HSD32M64D16A-10

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16H-10 HANBIT-HSD32M64D16H-10 Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16H-10L HANBIT-HSD32M64D16H-10L Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16H-13 HANBIT-HSD32M64D16H-13 Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16R HANBIT-HSD32M64D16R Datasheet
176Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD32M64D16A-10

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16R HANBIT-HSD32M64D16R Datasheet
176Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D8H HANBIT-HSD32M64D8H Datasheet
84Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD32M64B8A HANBIT-HSD32M64B8A Datasheet
91Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx64Bit), SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64D8KP HANBIT-HSD32M64D8KP Datasheet
814Kb / 29P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM Unbuffered with Based on Stacked 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64F8K HANBIT-HSD32M64F8K Datasheet
202Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM, based on16Mx8,4Banks, 4K Ref., 3.3V
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18R HANBIT-HSD32M72D18R Datasheet
177Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com