Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD32M64F8V-F12 Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HSD32M64F8V-F12
Description  Synchronous DRAM Module, 256Mbyte ( 32M x 64-Bit ) SMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD32M64F8V-F12 Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

Back Button HSD32M64F8V-F12 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HANBit
HSD32M64F8V/VA
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
7
Notes :
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and
then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
5. For -8/H/L, tRDL=1CLK and tDAL=1CLK+20ns is also supported .
(Recommand : tRDL=2CLK and tDAL=2CLK & 20ns.)
AC CHARACTERISTICS
(AC operating conditions unless otherwise noted)
-13
-12
-10
-10L
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
NOTE
CAS
latency=3
7.5
8
10
10
CLK cycle time
CAS
latency=2
tCC
-
1000
-
1000
10
1000
12
1000
ns
1
CAS
latency=3
5.4
6
6
6
CLK to valid
output delay
CAS
latency=2
tSAC
-
-
6
7
ns
1,2
CAS
latency=3
2.7
3
3
3
Output data
hold time
CAS
latency=2
tOH
-
-
3
3
ns
2
CLK high pulse width
tCH
2.5
3
3
3
ns
3
CLK low pulse width
tCL
2.5
3
3
3
ns
3
Input setup time
tSS
1.5
2
2
2
ns
3
Input hold time
tSH
0.8
1
1
1
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
1
ns
3
CAS
latency=3
5.4
6
6
6
ns
2
CLK to output
in Hi-Z
CAS
latency=2
tSHZ
-
-
6
7
ns
Notes :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered, ie., [(tr + tf)/2-1]ns should be added to
the parameter.


Similar Part No. - HSD32M64F8V-F12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64F8K HANBIT-HSD32M64F8K Datasheet
202Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM, based on16Mx8,4Banks, 4K Ref., 3.3V
HSD32M64F8K-10L HANBIT-HSD32M64F8K-10L Datasheet
202Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM, based on16Mx8,4Banks, 4K Ref., 3.3V
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64F8R-10 HANBIT-HSD32M64F8R-10 Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64F8R-10L HANBIT-HSD32M64F8R-10L Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
More results

Similar Description - HSD32M64F8V-F12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64D8H HANBIT-HSD32M64D8H Datasheet
84Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M72D9H HANBIT-HSD32M72D9H Datasheet
158Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit),DIMM with ECC based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
HSD64M64F8KA HANBIT-HSD64M64F8KA Datasheet
137Kb / 10P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8 ,4Banks, 4K Ref., 3.3V
HSD32M32M4V HANBIT-HSD32M32M4V Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte ( 32M x 32-Bit ) 72-Pin SIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD32M64D8A HANBIT-HSD32M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD16M64F8V HANBIT-HSD16M64F8V Datasheet
88Kb / 11P
   Synchronous DRAM Module, 128Mbyte ( 16M x 64-Bit ) SMM based on 16Mx8 4Banks, 4K Ref., 3.3V
HSD8M64F8V HANBIT-HSD8M64F8V Datasheet
106Kb / 10P
   Synchronous DRAM Module 64Mbyte ( 8M x 64-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com