Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS820H32AT-150 Datasheet(PDF) 11 Page - GSI Technology

Part # GS820H32AT-150
Description  64K x 32 2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS820H32AT-150 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS820H32AT-150 Datasheet HTML 7Page - GSI Technology GS820H32AT-150 Datasheet HTML 8Page - GSI Technology GS820H32AT-150 Datasheet HTML 9Page - GSI Technology GS820H32AT-150 Datasheet HTML 10Page - GSI Technology GS820H32AT-150 Datasheet HTML 11Page - GSI Technology GS820H32AT-150 Datasheet HTML 12Page - GSI Technology GS820H32AT-150 Datasheet HTML 13Page - GSI Technology GS820H32AT-150 Datasheet HTML 14Page - GSI Technology GS820H32AT-150 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Rev: 1.04 3/2000
11/23
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
E
GS820H32AT/Q-150/138/133/117/100/66
Notes:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1 unless otherwise noted.
3. Output Load 2 for tLZ, tHZ, tOLZ and tOHZ.
4. Device is deselected as defined by the Truth Table.
AC Test Conditions
Parameter
Conditions
Input high level
2.3V
Input low level
0.2V
Input slew rate
1V/ns
Input reference level
1.25V
Output reference level
1.25V
Output load
Fig. 1& 2
DC Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage Current
(except mode pins)
IIL
VIN = 0 to VDD
-1uA
1uA
ZZ Input Current
IINZZ
VDD ≥ VIN ≥ VIH
0V
≤ V
IN ≤ V
IH
-1uA
-1uA
1uA
300uA
Mode Pin Input Current
IINM
VDD ≥ VIN ≥ VIL
0V
≤ V
IN ≤ V
IL
-300uA
-1uA
1uA
1uA
Output Leakage Current
IOL
Output Disable,
VOUT = 0 to VDD
-1uA
1uA
Output High Voltage
VOH
IOH = - 8mA, VDDQ=2.375V
1.7V
Output High Voltage
VOH
IOH = -8mA, VDDQ=3.135V
2.4V
Output Low Voltage
VOL
IOL = 8mA
0.4V
DQ
VT=1.25V
50
30pF*
DQ
2.5V
Output Load 1
Output Load 2
225
225
5pF*
* Distributed Test Jig Capacitance


Similar Part No. - GS820H32AT-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS820H32Q-133 GSI-GS820H32Q-133 Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32Q-133I GSI-GS820H32Q-133I Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32Q-138 GSI-GS820H32Q-138 Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32Q-138I GSI-GS820H32Q-138I Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32Q-150 GSI-GS820H32Q-150 Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
More results

Similar Description - GS820H32AT-150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com