Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS820V32Q Datasheet(PDF) 4 Page - GSI Technology

Part # GS820V32Q
Description  64K x 32 Burst
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS820V32Q Datasheet(HTML) 4 Page - GSI Technology

  GS820V32Q Datasheet HTML 1Page - GSI Technology GS820V32Q Datasheet HTML 2Page - GSI Technology GS820V32Q Datasheet HTML 3Page - GSI Technology GS820V32Q Datasheet HTML 4Page - GSI Technology GS820V32Q Datasheet HTML 5Page - GSI Technology GS820V32Q Datasheet HTML 6Page - GSI Technology GS820V32Q Datasheet HTML 7Page - GSI Technology GS820V32Q Datasheet HTML 8Page - GSI Technology GS820V32Q Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Rev. 9/09/97
4/15
64K x 32 Burst
GS820V32Q/T
4/5/6, 2.5V I/O, 2.0mA
80-133MHz (P/L)
66MHz Flow-Thru
G S I T E C H N O L O G Y
GS820V32Q/T
Synchronous truth table
Note:
1. X=don’t care, H=logic high, L=logic low
2. BWx is the logic function of GW, BWE, BW1, BW2, BW3, BW4. See Byte Write Function table for detail.
3. All inputs in the table must meet setup and hold on rising edge of CLK.
DQ Bus Control and Asynchronous OE
Note: On the write cycle that follows read cycle, OE need to be held high prior to the start of write cycle to tri-state DQ buss and allow data
input to SRAM.
Cycle
Address used
CE1
CE2
CE3 ADSP ADSC ADV BWx
Deselect
none
H
X
X
X
L
X
X
Deselect
none
L
L
X
X
L
X
X
Deselect
none
L
X
H
X
L
X
X
Deselect
none
L
L
X
L
X
X
X
Deselect
none
L
X
H
L
X
X
X
Read, begin burst
external
L
H
L
L
X
X
X
Read, begin burst
external
L
H
L
H
L
X
H
Read, continue burst
next
X
X
X
H
H
L
H
Read, continue burst
next
H
X
X
X
H
L
H
Read, suspend burst
current
X
X
X
H
H
H
H
Read, suspend burst
current
H
X
X
X
H
H
H
Write, begin burst
external
L
H
L
H
L
X
L
Write, continue burst
next
X
X
X
H
H
L
L
Write, continue burst
next
H
X
X
X
H
L
L
Write, suspend burst
current
X
X
X
H
H
H
L
Write, suspend burst
current
H
X
X
X
H
H
L
Cycle
OE
DQ
Read
L
Q
Read
H
Hi-Z
Write
X
Hi-Z; D
Deselect
X
Hi-Z


Similar Part No. - GS820V32Q

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS820322T-138 ETC1-GS820322T-138 Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032A ETC1-GS82032A Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
GSI Technology
GS82032AGT-100 GSI-GS82032AGT-100 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-100I GSI-GS82032AGT-100I Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
More results

Similar Description - GS820V32Q

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com