Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH16821ADGG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BH16821ADGG
Description  20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BH16821ADGG Datasheet(HTML) 5 Page - NXP Semiconductors

  BH16821ADGG Datasheet HTML 1Page - NXP Semiconductors BH16821ADGG Datasheet HTML 2Page - NXP Semiconductors BH16821ADGG Datasheet HTML 3Page - NXP Semiconductors BH16821ADGG Datasheet HTML 4Page - NXP Semiconductors BH16821ADGG Datasheet HTML 5Page - NXP Semiconductors BH16821ADGG Datasheet HTML 6Page - NXP Semiconductors BH16821ADGG Datasheet HTML 7Page - NXP Semiconductors BH16821ADGG Datasheet HTML 8Page - NXP Semiconductors BH16821ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16821A
74ABTH16821A
20-bit bus-interface D-type flip-flop;
positive-edge trigger (3-State)
1998 Feb 27
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = -40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = -18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = -3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = -3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = -32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.36
0.55
0.55
V
VRST
Power-up output voltage3
VCC = 5.5V; IO = 1mA; VI = GND or VCC
0.13
0.55
0.55
V
II
Input leakage current
VCC = 5.5V; VI = VCC or GND
±0.01
±1.0
±1.0
µA
II
In ut leakage current
VCC = 5.5V VI = VCC or GND
±0.01
±1.0
±1.0
µA
VCC = 5.5V; VI = VCC or GND
Control pins
±0.01
±1
±1
µA
II
Input leakage current
74ABTH16821A
VCC = 5.5V; VI = VCC
Data pins
0.01
1
1
µA
74ABTH16821A
VCC = 5.5V; VI = 0
Data pins
–1
–3
–5
µA
B
H ld
t i
t 5
VCC = 4.5V; VI = 0.8V
35
35
IHOLD
Bus Hold current inputs5
74ABTH16821A
VCC = 4.5V; VI = 2.0V
–75
–75
µA
VCC = 5.5V; VI = 0 to 5.5V
±800
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/PD
Power-up/down 3-State
output current4
VCC = 2.1V; VO = 0.5V; VI = GND or VCC;
VOE = Don’t care
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
1.0
10
10
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–1.0
–10
–10
µA
ICEX
Output High leakage
current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–90
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
0.5
1
1
mA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
10
19
19
mA
ICCZ
VCC = 5.5V; Outputs 3-State; VI = GND or VCC
0.5
1
1
mA
∆ICC
Additional supply current
per input pin2
VCC = 5.5V; one input at 3.4V, other inputs at
VCC or GND
0.25
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
4. This parameter is valid for any VCC between 0V and 2.1V with a transition time of up to 10msec. From VCC = 2.1V to VCC = 5V a transition
time of up to 100
µsec is permitted.
5. This is the bus hold overdrive current required to force the input to the opposite logic state.


Similar Part No. - BH16821ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BH16823ADGG PHILIPS-BH16823ADGG Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
BH16823ADL PHILIPS-BH16823ADL Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
BH16827ADGG PHILIPS-BH16827ADGG Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
BH16827ADL PHILIPS-BH16827ADL Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
logo
Rohm
BH1682FVC ROHM-BH1682FVC Datasheet
1Mb / 15P
   Analog Current Output Type Ambient Light Sensor IC
More results

Similar Description - BH16821ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16821 PHILIPS-74ALVCH16821 Datasheet
95Kb / 12P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 May 29
logo
Nexperia B.V. All right...
74ALVCH16821 NEXPERIA-74ALVCH16821 Datasheet
199Kb / 15P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 2 February 2018
logo
NXP Semiconductors
74ALVT16821 PHILIPS-74ALVT16821 Datasheet
94Kb / 13P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16821 NEXPERIA-74ALVT16821 Datasheet
218Kb / 16P
   20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 4 - 22 January 2018
logo
NXP Semiconductors
74ABT16821A NXP-74ABT16821A Datasheet
153Kb / 16P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
logo
Nexperia B.V. All right...
74ALVT162821 NEXPERIA-74ALVT162821 Datasheet
261Kb / 15P
   20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
Rev. 5 - 19 October 2020
logo
NXP Semiconductors
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ALVT162821 PHILIPS-74ALVT162821 Datasheet
97Kb / 12P
   2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com