Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS840F32AGT-8.5 Datasheet(PDF) 11 Page - GSI Technology

Part # GS840F32AGT-8.5
Description  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS840F32AGT-8.5 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS840F32AGT-8.5 Datasheet HTML 7Page - GSI Technology GS840F32AGT-8.5 Datasheet HTML 8Page - GSI Technology GS840F32AGT-8.5 Datasheet HTML 9Page - GSI Technology GS840F32AGT-8.5 Datasheet HTML 10Page - GSI Technology GS840F32AGT-8.5 Datasheet HTML 11Page - GSI Technology GS840F32AGT-8.5 Datasheet HTML 12Page - GSI Technology GS840F32AGT-8.5 Datasheet HTML 13Page - GSI Technology GS840F32AGT-8.5 Datasheet HTML 14Page - GSI Technology GS840F32AGT-8.5 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
GS840F18/32/36AT-7.5/8/8.5/10/12
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.09 10/2004
11/21
© 1999, GSI Technology
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings, for an extended period of time, may affect reliability of
this component.
Notes:
1. Unless otherwise noted, all performance specifications quoted are evaluated for worst case at both 2.75 V
≤ VDDQ ≤ 2.375 V (i.e., 2.5 V I/O)
and 3.6 V
≤ VDDQ ≤ 3.135 V (i.e., 3.3 V I/O) and quoted at whichever condition is worst case.
2. This device features input buffers compatible with both 3.3 V and 2.5 V I/O drivers.
3. Most speed grades and configurations of this device are offered in both Commercial and Industrial Temperature ranges. The part number of
Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifications quoted are evaluated
for worst case in the temperature range marked on the device.
4. Input Under/overshoot voltage must be –2 V > Vi < VDD+2 V with a pulse width not to exceed 20% tKC.
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
–0.5 to 4.6
V
VDDQ
Voltage in VDDQ Pins
–0.5 to VDD
V
VCK
Voltage on Clock Input Pin
–0.5 to 6
V
VI/O
Voltage on I/O Pins
–0.5 to VDDQ+0.5 (≤ 4.6 V max.)
V
VIN
Voltage on Other Input Pins
–0.5 to VDD+0.5 (≤ 4.6 V max.)
V
IIN
Input Current on Any Pin
+/–20
mA
IOUT
Output Current on Any I/O Pin
+/–20
mA
PD
Package Power Dissipation
1.5
W
TSTG
Storage Temperature
–55 to 125
oC
TBIAS
Temperature Under Bias
–55 to 125
oC
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Supply Voltage
VDD
3.135
3.3
3.6
V
I/O Supply Voltage
VDDQ
2.375
2.5
VDD
V1
Input High Voltage
VIH
1.7
VDD+0.3
V2
Input Low Voltage
VIL
–0.3
0.8
V
2
Ambient Temperature (Commercial Range Versions)
TA
025
70
°C3
Ambient Temperature (Industrial Range Versions)
TA
–40
25
85
°C3


Similar Part No. - GS840F32AGT-8.5

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS840FH18AGT-10 GSI-GS840FH18AGT-10 Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AGT-10I GSI-GS840FH18AGT-10I Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AGT-12 GSI-GS840FH18AGT-12 Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AGT-12I GSI-GS840FH18AGT-12I Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AGT-8 GSI-GS840FH18AGT-8 Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results

Similar Description - GS840F32AGT-8.5

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AT GSI-GS840E18AT Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com