Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT2240PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ABT2240PW
Description  Octal inverting buffer with 30ohm series termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT2240PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74ABT2240PW Datasheet HTML 1Page - NXP Semiconductors 74ABT2240PW Datasheet HTML 2Page - NXP Semiconductors 74ABT2240PW Datasheet HTML 3Page - NXP Semiconductors 74ABT2240PW Datasheet HTML 4Page - NXP Semiconductors 74ABT2240PW Datasheet HTML 5Page - NXP Semiconductors 74ABT2240PW Datasheet HTML 6Page - NXP Semiconductors 74ABT2240PW Datasheet HTML 7Page - NXP Semiconductors 74ABT2240PW Datasheet HTML 8Page - NXP Semiconductors 74ABT2240PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ABT2240
Octal inverting buffer with 30
Ω series termination
resistors (3-State)
1998 Jan 16
5
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Yn
1
1.0
3.0
2.8
4.3
4.0
5.8
1.0
3.0
4.9
6.0
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.5
4.2
3.4
5.5
4.7
7.6
1.5
4.2
5.8
8.4
ns
tPHZ
tPLZ
Output disable time
from High and Low level
2
1.9
2.5
4.1
3.4
5.0
5.8
1.9
2.5
5.6
6.4
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
INPUT
1.5V
OUTPUT
tPLH
tPHL
SA00028
1.5V
1.5V
1.5V
3 V
0 V
VOH
VOL
Waveform 1. Waveforms Showing the Input (An)
to Output (Yn) Propagation Delays
TEST CIRCUIT AND WAVEFORMS
OE INPUT
VM
VM
tPZH
tPHZ
Yn OUTPUT
VOH
VM
VM
Yn OUTPUT
VOL
tPZL
tPLZ
3.5V
0V
VOL + 0.3V
VOH – 0.3V
SA00029
Waveform 2. Waveforms Showing the 3-State Output
Enable and Disable Times
CL = 50 pF
500
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
From Output
Under Test
S1
7 V
Open
GND


Similar Part No. - 74ABT2240PW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT2240 FAIRCHILD-74ABT2240 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2240CMSA FAIRCHILD-74ABT2240CMSA Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2240CMTC FAIRCHILD-74ABT2240CMTC Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2240CSC FAIRCHILD-74ABT2240CSC Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2240CSJ FAIRCHILD-74ABT2240CSJ Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
More results

Similar Description - 74ABT2240PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74F2244 PHILIPS-74F2244 Datasheet
95Kb / 10P
   Octal buffer with 30ohm equivalent output termination 3-State
1994 Dec 5
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com