Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS880F36T-12I Datasheet(PDF) 1 Page - GSI Technology

Part # GS880F36T-12I
Description  512K x 18, 256K x 36 8Mb Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880F36T-12I Datasheet(HTML) 1 Page - GSI Technology

  GS880F36T-12I Datasheet HTML 1Page - GSI Technology GS880F36T-12I Datasheet HTML 2Page - GSI Technology GS880F36T-12I Datasheet HTML 3Page - GSI Technology GS880F36T-12I Datasheet HTML 4Page - GSI Technology GS880F36T-12I Datasheet HTML 5Page - GSI Technology GS880F36T-12I Datasheet HTML 6Page - GSI Technology GS880F36T-12I Datasheet HTML 7Page - GSI Technology GS880F36T-12I Datasheet HTML 8Page - GSI Technology GS880F36T-12I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Rev: 1.03 3/2000
1/25
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
N
Preliminary
GS880F18/36T-10/11/11.5/12/14
512K x 18, 256K x 36
8Mb Sync Burst SRAMs
10ns - 14ns
3.3V VDD
3.3V & 2.5V I/O
100 Pin TQFP
Commercial Temp
Industrial Temp
Features
• Flow through mode operation.
• 3.3V +10%/-5% Core power supply.
• 2.5V or 3.3V I/O supply.
• LBO pin for linear or interleaved burst mode.
• Internal input resistors on mode pins allow floating mode pins.
Default to Interleaved Pipelined Mode.
• Byte write (BW) and/or global write (GW) operation.
• Common data inputs and data outputs.
• Clock Control, registered, address, data, and control.
• Internal Self-Timed Write cycle.
• Automatic power-down for portable applications.
• 100-lead TQFP package
Functional Description
Applications
The GS880F18/32/36T is a 9,437,184 bit (8,388,608 bit for x32
version) high performance synchronous SRAM with a 2 bit burst
address counter. Although of a type originally developed for Level 2
Cache applications supporting high performance CPU’s, the device
now finds application in synchronous SRAM applications ranging from
DSP main store to networking chip set support.
Controls
Addresses, data I/O’s, chip enables (E1, E2, E3), address burst
control inputs (ADSP, ADSC, ADV) and write control inputs (Bx, BW,
GW) are synchronous and are controlled by a positive edge triggered
clock input (CK). Output enable (G) and power down control (ZZ) are
asynchronous inputs. Burst cycles can be initiated with either ADSP
or ADSC inputs. In Burst mode, subsequent burst addresses are
generated internally and are controlled by ADV. The burst address
counter may be configured to count in either linear or interleave order
with the Linear Burst Order (LBO) input. The Burst function need not
be used. New addresses can be loaded on every cycle with no
degradation of chip performance.
Designing For Compatibility
The JEDEC Standard for Burst RAMS calls for a FT mode pin option
(pin 14 on TQFP). Board sites for Flow through Burst RAMS should
be designed with VSS connected to the FT pin location to ensure the
broadest access to multiple vendor sources. Boards designed with FT
pin pads tied low may be stuffed with GSI’s Pipeline/Flow through
configurable Burst RAMS or any vendor’s Flow through or
configurable Burst SRAM. Bumps designed with the FT pin location
tied High or floating must employ a non-configurable Flow through
Burst RAM, like this RAM, to achieve Flow through functionality.
88018/32/36T
Byte Write and Global Write
Byte write operation is performed by using byte write enable (BW)
input combined with one or more individual byte write signals (Bx). In
addition, Global Write (GW) is available for writing all bytes at one
time, regardless of the Byte Write control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion (High) of
the ZZ signal, or by stopping the clock (CK). Memory data is retained
during Sleep mode.
Core and Interface Voltages
The GS880F18/32/36T operates on a 3.3V power supply and all
inputs/outputs are 3.3V and 2.5V compatible. Separate output power
(VDDQ) pins are used to de-couple output noise from the internal
circuit.
-10
-11
-11.5
-12
-14
Flow Through
2-1-1-1
tKQ
tCycle
IDD
10ns
10ns
225mA
11ns
15ns
180mA
11.5ns
15ns
180mA
12ns
15ns
180mA
14ns
15ns
175mA


Similar Part No. - GS880F36T-12I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880F36AT-5.5 GSI-GS880F36AT-5.5 Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F36AT-5.5I GSI-GS880F36AT-5.5I Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F36AT-6 GSI-GS880F36AT-6 Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F36AT-6.5 GSI-GS880F36AT-6.5 Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F36AT-6.5I GSI-GS880F36AT-6.5I Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
More results

Similar Description - GS880F36T-12I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881E18T GSI-GS881E18T Datasheet
469Kb / 34P
   512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880E18T GSI-GS880E18T Datasheet
852Kb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com