Selected language     English  ▼


GS881Z36AT-133 Datasheet(PDF) 1 Page - GSI Technology

Part No. GS881Z36AT-133
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

 
 1 page
background image
GS881Z18/36AT-250/225/200/166/150/133
9Mb Pipelined and Flow Through
Synchronous NBT SRAM
250 MHz–133 MHz
2.5 V or 3.3 V VDD
2.5 V or 3.3 V I/O
100-Pin TQFP
Commercial Temp
Industrial Temp
Rev: 1.03 11/2004
1/31
© 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• User-configurable Pipeline and Flow Through mode
• NBT (No Bus Turn Around) functionality allows zero wait
read-write-read bus utilization
• Fully pin-compatible with both pipelined and flow through
NtRAM™, NoBL™ and ZBT™ SRAMs
• IEEE 1149.1 JTAG-compatible Boundary Scan
• On-chip write parity checking; even or odd selectable
• 2.5 V or 3.3 V +10%/–10% core power supply
• 2.5 V or 3.3 V I/O supply
• LBO pin for Linear or Interleave Burst mode
• Pin-compatible with 2M, 4M, and 8M devices
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• ZZ pin for automatic power-down
• JEDEC-standard 100-lead TQFP package
Functional Description
The GS881Z18/36AT is a 9Mbit Synchronous Static SRAM.
GSI's NBT SRAMs, like ZBT, NtRAM, NoBL or other
pipelined read/double late write or flow through read/single
late write SRAMs, allow utilization of all available bus
bandwidth by eliminating the need to insert deselect cycles
when the device is switched from read to write cycles.
Because it is a synchronous device, address, data inputs, and
read/ write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
Sleep mode enable, ZZ and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS881Z18/36AT may be configured by the user to
operate in Pipeline or Flow Through mode. Operating as a
pipelined synchronous device, in addition to the rising-edge-
triggered registers that capture input signals, the device
incorporates a rising-edge-triggered output register. For read
cycles, pipelined SRAM output data is temporarily stored by
the edge triggered output register during the access cycle and
then released to the output drivers at the next rising edge of
clock.
The GS881Z18/36AT is implemented with GSI's high
performance CMOS technology and is available in a JEDEC-
standard 100-pin TQFP package.
Parameter Synopsis
-250 -225 -200 -166 -150 -133 Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
4.0
2.7
4.4
3.0
5.0
3.4
6.0
3.8
6.7
4.0
7.5
ns
ns
3.3 V
Curr (x18)
Curr (x36)
280
330
255
300
230
270
200
230
185
215
165
190
mA
mA
2.5 V
Curr (x18)
Curr (x36)
275
320
250
295
230
265
195
225
180
210
165
185
mA
mA
Flow
Through
2-1-1-1
tKQ
tCycle
5.5
5.5
6.0
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.5
8.5
ns
ns
3.3 V
Curr (x18)
Curr (x36)
175
200
165
190
160
180
150
170
145
165
135
150
mA
mA
2.5 V
Curr (x18)
Curr (x36)
175
200
165
190
160
180
150
170
145
165
135
150
mA
mA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS880ZV18BT9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18AT-1339Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS881Z18B9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS881Z18BT-V9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18B9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18AB9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18BB-V9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882ZV18BB9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18BT9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18-V9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl