Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS881E36T-11.5I Datasheet(PDF) 4 Page - GSI Technology

Part # GS881E36T-11.5I
Description  512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881E36T-11.5I Datasheet(HTML) 4 Page - GSI Technology

  GS881E36T-11.5I Datasheet HTML 1Page - GSI Technology GS881E36T-11.5I Datasheet HTML 2Page - GSI Technology GS881E36T-11.5I Datasheet HTML 3Page - GSI Technology GS881E36T-11.5I Datasheet HTML 4Page - GSI Technology GS881E36T-11.5I Datasheet HTML 5Page - GSI Technology GS881E36T-11.5I Datasheet HTML 6Page - GSI Technology GS881E36T-11.5I Datasheet HTML 7Page - GSI Technology GS881E36T-11.5I Datasheet HTML 8Page - GSI Technology GS881E36T-11.5I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Rev: 1.10 9/2000
4/34
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS881E18/36T-11/11.5/100/80/66
TQFP Pin Descriptio
Pin Location
Symbol
Typ
e
Description
37, 36
A0, A1
I
Address field LSBs and Address Counter preset Inputs
35, 34, 33, 32, 100, 99, 82, 81, 44, 45,
46, 47, 48, 49, 50, 92
A2–A17
I
Address Inputs
80
A18
I
Address Inputs
63, 62, 59, 58, 57, 56, 53, 52
68, 69, 72, 73, 74, 75, 78, 79
13, 12, 9, 8, 7, 6, 3, 2
18, 19, 22, 23, 24, 25, 28, 29
DQA1–DQA8
DQB1–DQB8
DQC1–DQC8
DQD1–DQD8
I/O
Data Input and Output pins ( x36 Version)
51, 80, 1, 30
DQA9, DQB9,
DQC9, DQD9
I/O
Data Input and Output pins
58, 59, 62, 63, 68, 69, 72, 73, 74
8, 9, 12, 13, 18, 19, 22, 23, 24
DQA1–DQA9
DQB1–DQB9
I/O
Data Input and Output pins
51, 52, 53, 56, 57
75, 78, 79,
1, 2, 3, 6, 7
25, 28, 29, 30
NC
No Connect
16
DP
I
Parity Input; 1 = Even, 0 = Odd
66
QE
O
Parity Error Out; Open Drain Output
87
BW
I
Byte Write—Writes all enabled bytes; active low
93, 94
BA, BB
I
Byte Write Enable for DQA, DQB Data I/Os; active low
95, 96
BC, BD
I
Byte Write Enable for DQC, DQD Data I/Os; active low ( x36 Version)
95, 96
NC
No Connect (x18 Version)
89
CK
I
Clock Input Signal; active high
88
GW
I
Global Write Enable—Writes all bytes; active low
98
E1
I
Chip Enable; active low
97
E2
I
Chip Enable; active high
86
G
I
Output Enable; active low
83
ADV
I
Burst address counter advance enable; active low
84, 85
ADSP, ADSC
I
Address Strobe (Processor, Cache Controller); active low


Similar Part No. - GS881E36T-11.5I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881E36AD-133 GSI-GS881E36AD-133 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS881E36AD-133I GSI-GS881E36AD-133I Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS881E36AD-133IT GSI-GS881E36AD-133IT Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS881E36AD-133T GSI-GS881E36AD-133T Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS881E36AD-150 GSI-GS881E36AD-150 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
More results

Similar Description - GS881E36T-11.5I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS880F18T GSI-GS880F18T Datasheet
351Kb / 25P
   512K x 18, 256K x 36 8Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880E18T GSI-GS880E18T Datasheet
852Kb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com