Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS881Z32BT-250IV Datasheet(PDF) 20 Page - GSI Technology

Part # GS881Z32BT-250IV
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881Z32BT-250IV Datasheet(HTML) 20 Page - GSI Technology

Back Button GS881Z32BT-250IV Datasheet HTML 16Page - GSI Technology GS881Z32BT-250IV Datasheet HTML 17Page - GSI Technology GS881Z32BT-250IV Datasheet HTML 18Page - GSI Technology GS881Z32BT-250IV Datasheet HTML 19Page - GSI Technology GS881Z32BT-250IV Datasheet HTML 20Page - GSI Technology GS881Z32BT-250IV Datasheet HTML 21Page - GSI Technology GS881Z32BT-250IV Datasheet HTML 22Page - GSI Technology GS881Z32BT-250IV Datasheet HTML 23Page - GSI Technology GS881Z32BT-250IV Datasheet HTML 24Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
AC Test Conditions
Parameter
Conditions
DQ
VDDQ/2
50
30pF*
Output Load 1
* Distributed Test Jig Capacitance
Figure 1
Input high level
VDD – 0.2 V
Input low level
0.2 V
Input slew rate
1 V/ns
Input reference level
VDD/2
Output reference level
VDDQ/2
Output load
Fig. 1
Notes:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1
unless otherwise noted.
3. Device is deselected as defined by the Truth Table.
GS881Z18/32/36B(T/D)-xxxV
Rev: 1.00 6/2006
20/37
© 2006, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
DC Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage Current
(except mode pins)
IIL
VIN = 0 to VDD
–1 uA
1 uA
FT, ZZ Input Current
IIN
VDD ≥ VIN ≥ 0 V
–100 uA
100 uA
Output Leakage Current
IOL
Output Disable, VOUT = 0 to VDD
–1 uA
1 uA
DC Output Characteristics (1.8 V/2.5 V Version)
Parameter
Symbol
Test Conditions
Min
Max
1.8 V Output High Voltage
VOH1
IOH = –4 mA, VDDQ = 1.6 V
VDDQ – 0.4 V
2.5 V Output High Voltage
VOH2
IOH = –8 mA, VDDQ = 2.375 V
1.7 V
1.8 V Output Low Voltage
VOL1
IOL = 4 mA
0.4 V
2.5 V Output Low Voltage
VOL2
IOL = 8 mA
0.4 V


Similar Part No. - GS881Z32BT-250IV

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z32BT-250I GSI-GS881Z32BT-250I Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z32BT-250IT GSI-GS881Z32BT-250IT Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS881Z32BT-250IV

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z18B GSI-GS881Z18B Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882ZV18BB GSI-GS882ZV18BB Datasheet
881Kb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BT GSI-GS880Z18BT Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18AT GSI-GS881Z18AT Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB GSI-GS882Z18AB Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18AT-133 GSI-GS880Z18AT-133 Datasheet
753Kb / 25P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com