Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS881E36T-100I Datasheet(PDF) 3 Page - GSI Technology

Part # GS881E36T-100I
Description  512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881E36T-100I Datasheet(HTML) 3 Page - GSI Technology

  GS881E36T-100I Datasheet HTML 1Page - GSI Technology GS881E36T-100I Datasheet HTML 2Page - GSI Technology GS881E36T-100I Datasheet HTML 3Page - GSI Technology GS881E36T-100I Datasheet HTML 4Page - GSI Technology GS881E36T-100I Datasheet HTML 5Page - GSI Technology GS881E36T-100I Datasheet HTML 6Page - GSI Technology GS881E36T-100I Datasheet HTML 7Page - GSI Technology GS881E36T-100I Datasheet HTML 8Page - GSI Technology GS881E36T-100I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Rev: 1.10 9/2000
3/34
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS881E18/36T-11/11.5/100/80/66
GS881E36 100-Pin TQFP Pinout
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VDDQ
VSS
DQC4
DQC3
VSS
VDDQ
DQC2
DQC1
FT
VDD
DP
VSS
DQD1
DQD2
VDDQ
VSS
DQD3
DQD4
DQD5
VSS
VDDQ
VDDQ
VSS
DQB4
DQB3
VSS
VDDQ
DQB2
DQB1
VSS
QE
VDD
ZZ
DQA1
DQA2
VDDQ
VSS
DQA3
DQA4
VSS
VDDQ
256K x 36
Top View
DQB5
DQB9
DQB7
DQB8
DQB6
DQA6
DQA5
DQA8
DQA7
DQA9
DQC7
DQC8
DQC6
DQD6
DQD8
DQD7
DQD9
DQC5
DQC9
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Similar Part No. - GS881E36T-100I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881E36AD-133 GSI-GS881E36AD-133 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS881E36AD-133I GSI-GS881E36AD-133I Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS881E36AD-133IT GSI-GS881E36AD-133IT Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS881E36AD-133T GSI-GS881E36AD-133T Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS881E36AD-150 GSI-GS881E36AD-150 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
More results

Similar Description - GS881E36T-100I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS880F18T GSI-GS880F18T Datasheet
351Kb / 25P
   512K x 18, 256K x 36 8Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880E18T GSI-GS880E18T Datasheet
852Kb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com