Selected language     English  ▼


GS881Z32BT-200IV Datasheet(PDF) 5 Page - GSI Technology

Part No. GS881Z32BT-200IV
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

 
 5 page
background image
100-Pin TQFP Pin Descriptions
Symbol
Type
Description
A0, A1
In
Burst Address Inputs; Preload the burst counter
A
In
Address Inputs
CK
In
Clock Input Signal
BA
In
Byte Write signal for data inputs DQA1–DQA9; active low
BB
In
Byte Write signal for data inputs DQB1–DQB9; active low
BC
In
Byte Write signal for data inputs DQC1–DQC9; active low
BD
In
Byte Write signal for data inputs DQD1–DQD9; active low
W
In
Write Enable; active low
E1
In
Chip Enable; active low
E2
In
Chip Enable—Active High. For self decoded depth expansion
E3
In
Chip Enable—Active Low. For self decoded depth expansion
G
In
Output Enable; active low
ADV
In
Advance/Load; Burst address counter control pin
CKE
In
Clock Input Buffer Enable; active low
NC
No Connect
DQA
I/O
Byte A Data Input and Output pins
DQB
I/O
Byte B Data Input and Output pins
DQC
I/O
Byte C Data Input and Output pins
DQD
I/O
Byte D Data Input and Output pins
ZZ
In
Power down control; active high
FT
In
Pipeline/Flow Through Mode Control; active low
LBO
In
Linear Burst Order; active low.
TMS
Scan Test Mode Select
TDI
Scan Test Data In
TDO
Scan Test Data Out
TCK
Scan Test Clock
VDD
In
Core power supply
VSS
In
Ground
VDDQ
In
Output driver power supply
GS881Z18/32/36B(T/D)-xxxV
Rev: 1.00 6/2006
5/37
© 2006, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS880ZV18BT9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18AT-1339Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS881Z18B9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS881Z18AT9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18B9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18AB9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18BB-V9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882ZV18BB9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18BT9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18-V9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl