Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS882V36BB-200I Datasheet(PDF) 10 Page - GSI Technology

Part # GS882V36BB-200I
Description  512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS882V36BB-200I Datasheet(HTML) 10 Page - GSI Technology

Back Button GS882V36BB-200I Datasheet HTML 6Page - GSI Technology GS882V36BB-200I Datasheet HTML 7Page - GSI Technology GS882V36BB-200I Datasheet HTML 8Page - GSI Technology GS882V36BB-200I Datasheet HTML 9Page - GSI Technology GS882V36BB-200I Datasheet HTML 10Page - GSI Technology GS882V36BB-200I Datasheet HTML 11Page - GSI Technology GS882V36BB-200I Datasheet HTML 12Page - GSI Technology GS882V36BB-200I Datasheet HTML 13Page - GSI Technology GS882V36BB-200I Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
GS882V18/36BB/D-333/300/250/200
Rev: 1.02 3/2005
10/36
© 2004, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Notes:
1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs.
2. Byte Write Enable inputs BA, BB, BC, and/or BD may be used in any combination with BW to write single or multiple bytes.
3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs.
4. Bytes “C” and “D” are only available on the x36 version.
Byte Write Truth Table
Function
GW
BW
BA
BB
BC
BD
Notes
Read
H
H
X
X
X
X
1
Read
H
L
HHHH
1
Write byte a
H
L
L
H
H
H
2, 3
Write byte b
H
L
H
L
H
H
2, 3
Write byte c
H
L
H
H
L
H
2, 3, 4
Write byte d
H
L
H
H
H
L
2, 3, 4
Write all bytes
H
LLLLL
2, 3, 4
Write all bytes
L
XXXX
X


Similar Part No. - GS882V36BB-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-200 GSI-GS882V37AB-200 Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-200I GSI-GS882V37AB-200I Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-225 GSI-GS882V37AB-225 Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-225I GSI-GS882V37AB-225I Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
More results

Similar Description - GS882V36BB-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88218BB-V GSI-GS88218BB-V Datasheet
1Mb / 35P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218 GSI-GS88218 Datasheet
736Kb / 37P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218AB GSI-GS88218AB Datasheet
1Mb / 38P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88237BB-V GSI-GS88237BB-V Datasheet
1Mb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS882V37BB GSI-GS882V37BB Datasheet
1Mb / 27P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS88237BB GSI-GS88237BB Datasheet
760Kb / 29P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com