Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS398 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PS398
Description  Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS398 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PS398 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 9Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 10Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
PS8185F
09/28/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS398/PS399
Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers
Test Circuits/Timing Diagrams
Figure 1. Transition Time
Figure 2. Enable Switching Time


Similar Part No. - PS398

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
More results

Similar Description - PS398

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. C, 20-Jun-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 25-Jun-07
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com