Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDHA720SF06A1NK Datasheet(PDF) 3 Page - International Rectifier

Part # RDHA720SF06A1NK
Description  RDHA720SF06A1NK 60V, 20A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RDHA720SF06A1NK Datasheet(HTML) 3 Page - International Rectifier

  RDHA720SF06A1NK Datasheet HTML 1Page - International Rectifier RDHA720SF06A1NK Datasheet HTML 2Page - International Rectifier RDHA720SF06A1NK Datasheet HTML 3Page - International Rectifier RDHA720SF06A1NK Datasheet HTML 4Page - International Rectifier RDHA720SF06A1NK Datasheet HTML 5Page - International Rectifier RDHA720SF06A1NK Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.irf.com
3
RDHA720SF06A1NK
Notes for Maximum Rating, Electrical and General Characteristic Tables
 Specification is guaranteed by design
‚ Optically coupled Solid State Relays (SSRs) have relatively slow turn on and turn off times. Care must be taken to
insure that transient currents do not cause violation of SOA. If transient conditions are present, IR recommends a
complete simulation to be performed by the end user to ensure compliance with SOA requirements as specified in
the IRHN7054 data sheet
ƒ While the SSR design meets the design requirements specified in MIL-PRF-38534, the end user is responsible for
product derating, as required for the application
m Reference Figures 3 & 4 for Switching Test Circuit and Wave Form
n Total Dose Irradiation with Input Bias 20mA I
DD applied and VDS = 0 during Irradiation
o Total Dose Irradiation with Output Bias 48 Volts V
DS applied and IDD = 0 during Irradiation
‡ International Rectifier does not currently have a DSCC certified Radiation Hardness Assurance Program
Post Total Dose Irradiation
Electrical Characteristics @ 25°C (Unless Otherwise Specified)g,h,i
Parameter
Group A
Test Conditions
Symbol Min. Typ. Max. Units
Subgroups
Output On-Resistance
1
IDD = 20mA, IO = 20A
RDS(ON)
--
0.03 0.040
Output Leakage Current
1
IDD ≤ 0.5mA, VOUT = 60V
IO
--
--
25
µA
IDD = 20mA, VS = 40V, IO = 20A
PW = 4.0ms, D
≤ 1%
VS = 40V, IO = 20A
PW = 4.0ms, D
≤ 1%
IDD = 20mA, VS = 40V, IO = 20A
PW = 4.0ms, D
≤ 1%
VS = 40V, IO = 20A
PW = 4.0ms, D
≤ 1%
Rise Time
f
1--
1.1
1
Turn-On Delay
f
1
Turn-Off Delay
f
ms
--
0.8
0.05
1.6
Fall Time
f
tf
--
0.06
1
ton
0.15
toff
--
tr
0.13
2.2


Similar Part No. - RDHA720SF06A1NK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RDHA701CD10A2NK IRF-RDHA701CD10A2NK Datasheet
339Kb / 22P
   Neutron and Total Ionizing Dose Test
RDHA701CD10A2NX IRF-RDHA701CD10A2NX Datasheet
127Kb / 5P
   Radiation Hardended, 100V, Dual 1.0A, Solid State Relay
RDHA701CD10A2NX IRF-RDHA701CD10A2NX Datasheet
127Kb / 5P
   Hermetically Sealed Ceramic Package
RDHA701CD10A2NX IRF-RDHA701CD10A2NX_15 Datasheet
127Kb / 5P
   Hermetically Sealed Ceramic Package
RDHA701FP10A8CK IRF-RDHA701FP10A8CK Datasheet
165Kb / 10P
   Radiation Hardended, Octal, Buffered and Non-Buffered, Solid State Relays
More results

Similar Description - RDHA720SF06A1NK

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P20L60SP PFC-P20L60SP Datasheet
724Kb / 5P
   20A 60V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TST20L60CW TSC-TST20L60CW Datasheet
337Kb / 4P
   20A, 60V Trench Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
TSP20L60SD YFWDIODE-TSP20L60SD Datasheet
1Mb / 3P
   20A, 60V Trench Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSN520M60 TSC-TSN520M60 Datasheet
245Kb / 4P
   20A, 60V Trench Schottky Rectifier
logo
PFC Device Inc.
P20L60N5 PFC-P20L60N5 Datasheet
812Kb / 5P
   20A 60V MOS Schottky Rectifier
PFR2060CT PFC-PFR2060CT Datasheet
774Kb / 7P
   20A 60V MOS Schottky Rectifier
P2060E PFC-P2060E Datasheet
631Kb / 6P
   20A 60V MOS Schottky Rectifier
PFR20L60CT PFC-PFR20L60CT Datasheet
773Kb / 7P
   20A 60V MOS Schottky Rectifier
PFR20V60CT PFC-PFR20V60CT Datasheet
774Kb / 7P
   20A 60V MOS Schottky Rectifier
logo
Mospec Semiconductor
S20D30 MOSPEC-S20D30 Datasheet
328Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com