Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8160E32T-150 Datasheet(PDF) 7 Page - GSI Technology

Part # GS8160E32T-150
Description  1M x 18, 512K x 36 18Mb Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8160E32T-150 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS8160E32T-150 Datasheet HTML 3Page - GSI Technology GS8160E32T-150 Datasheet HTML 4Page - GSI Technology GS8160E32T-150 Datasheet HTML 5Page - GSI Technology GS8160E32T-150 Datasheet HTML 6Page - GSI Technology GS8160E32T-150 Datasheet HTML 7Page - GSI Technology GS8160E32T-150 Datasheet HTML 8Page - GSI Technology GS8160E32T-150 Datasheet HTML 9Page - GSI Technology GS8160E32T-150 Datasheet HTML 10Page - GSI Technology GS8160E32T-150 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
GS8160E18/32/36T-250/225/200/166/150/133
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.13 11/2004
7/25
© 1999, GSI Technology
Note:
There is a pull-up device on the FT pin and a pull-down device on the ZZ pin, so this input pin can be unconnected and the chip will operate in
the default states as specified in the above tables.
Burst Counter Sequences
BPR 1999.05.18
Mode Pin Functions
Mode Name
Pin Name
State
Function
Burst Order Control
LBO
L
Linear Burst
H
Interleaved Burst
Output Register Control
FT
L
Flow Through
H or NC
Pipeline
Power Down Control
ZZ
L or NC
Active
H
Standby, IDD = ISB
Note:
The burst counter wraps to initial state on the 5th clock.
Note:
The burst counter wraps to initial state on the 5th clock.
Linear Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
10
11
00
3rd address
10
11
00
01
4th address
11
00
01
10
Interleaved Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
00
11
10
3rd address
10
11
00
01
4th address
11
10
01
00


Similar Part No. - GS8160E32T-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8160E32BGT-150 GSI-GS8160E32BGT-150 Datasheet
921Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E32BGT-150I GSI-GS8160E32BGT-150I Datasheet
921Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E32BGT-150IV GSI-GS8160E32BGT-150IV Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E32BGT-150V GSI-GS8160E32BGT-150V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E32BGT-200 GSI-GS8160E32BGT-200 Datasheet
921Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results

Similar Description - GS8160E32T-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161V18CD GSI-GS8161V18CD Datasheet
776Kb / 28P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816018C GSI-GS816018C Datasheet
567Kb / 22P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8160V18CT GSI-GS8160V18CT Datasheet
558Kb / 21P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com