Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS882Z36AB-200I Datasheet(PDF) 5 Page - GSI Technology

Part # GS882Z36AB-200I
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS882Z36AB-200I Datasheet(HTML) 5 Page - GSI Technology

  GS882Z36AB-200I Datasheet HTML 1Page - GSI Technology GS882Z36AB-200I Datasheet HTML 2Page - GSI Technology GS882Z36AB-200I Datasheet HTML 3Page - GSI Technology GS882Z36AB-200I Datasheet HTML 4Page - GSI Technology GS882Z36AB-200I Datasheet HTML 5Page - GSI Technology GS882Z36AB-200I Datasheet HTML 6Page - GSI Technology GS882Z36AB-200I Datasheet HTML 7Page - GSI Technology GS882Z36AB-200I Datasheet HTML 8Page - GSI Technology GS882Z36AB-200I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
GS882Z18/36AB/D-250/225/200/166/150/133
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 11/2004
5/35
© 2001, GSI Technology
165 Bump BGA—x36 Common I/O—Top View (Package D)
123456789
10
11
ANC
AE1
BC
BB
E3
CKE
ADV
A17
ANC
A
BNC
AE2
BD
BA
CK
W
G
NC
ANC
B
C
DQC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
DQB
C
D
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
D
E
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
E
F
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
F
G
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
G
HFT
MCH
NC
VDD
VSS
VSS
VSS
VDD
NC
ZQ
ZZ
H
J
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
J
K
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
K
L
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
L
M
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
M
N
DQD
DNU
VDDQ
VSS
NC
NC
NC
VSS
VDDQ
NC
DQA
N
PNC
NC
A
ATDI
A1
TDO
A
A
ANC
P
RLBO
NC
A
ATMS
A0
TCK
A
A
A
AR
11 x 15 Bump BGA—13 mm x 15 mm Body—1.0 mm Bump Pitch


Similar Part No. - GS882Z36AB-200I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS882Z36B-100 ETC-GS882Z36B-100 Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS882Z36B-100I ETC-GS882Z36B-100I Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS882Z36B-11 ETC-GS882Z36B-11 Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS882Z36B-11I ETC-GS882Z36B-11I Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS882Z36B-66 ETC-GS882Z36B-66 Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results

Similar Description - GS882Z36AB-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z18B GSI-GS881Z18B Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882ZV18BB GSI-GS882ZV18BB Datasheet
881Kb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BT GSI-GS880Z18BT Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18AT GSI-GS881Z18AT Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18BT-V GSI-GS881Z18BT-V Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18AT-133 GSI-GS880Z18AT-133 Datasheet
753Kb / 25P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com