Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8150V18AGB-300 Datasheet(PDF) 5 Page - GSI Technology

Part # GS8150V18AGB-300
Description  1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8150V18AGB-300 Datasheet(HTML) 5 Page - GSI Technology

  GS8150V18AGB-300 Datasheet HTML 1Page - GSI Technology GS8150V18AGB-300 Datasheet HTML 2Page - GSI Technology GS8150V18AGB-300 Datasheet HTML 3Page - GSI Technology GS8150V18AGB-300 Datasheet HTML 4Page - GSI Technology GS8150V18AGB-300 Datasheet HTML 5Page - GSI Technology GS8150V18AGB-300 Datasheet HTML 6Page - GSI Technology GS8150V18AGB-300 Datasheet HTML 7Page - GSI Technology GS8150V18AGB-300 Datasheet HTML 8Page - GSI Technology GS8150V18AGB-300 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
GS8150V18/36AB-357/333/300/250
Product Preview
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2005
5/25
© 2003, GSI Technology
Write Operations
Write operations are initiated when the write enable input signal (SW) and chip select (SS) are captured at logic 0 on a rising edge
of the K clock (and falling edge of the K clock).
Late Write
In Late Write mode the RAM requires Data In one rising clock edge later than the edge used to load Address and Control. Late
Write protocol has been employed on SRAMs designed for RISC processor L2 cache applications and in Flow Through mode NBT
SRAMs.
Byte Write Control
The Byte Write Enable inputs (Bx) determine which bytes will be written. Any combination of Byte Write Enable control pins,
including all or none, may be activated. A Write Cycle with no Byte Write inputs active is a write abort cycle. Byte write control
inputs are captured by the same clock edge used to capture SW.
Example of x36 Byte Write Truth Table
Function
SW
Ba
Bb
Bc
Bd
Read
H
X
X
X
X
Write Byte A
L
L
H
H
H
Write Byte B
L
H
L
H
H
Write Byte C
L
H
H
L
H
Write Byte D
L
H
H
H
L
Write all Bytes
L
L
L
L
L
Write Abort
L
H
H
H
H
FLXDrive-II™ HSTL Output Driver Impedance Control
HSTL I/O SigmaRAMs are supplied with programmable impedance output drivers. The ZQ pin must be connected to VSS via an
external resistor, RQ, to allow the SRAM to monitor and adjust its output driver impedance. The value of RQ must be 5X the value
of the desired SRAM driver impedance. The allowable range of RQ to guarantee impedance matching with specified tolerance is
between 150
Ω and 300Ω. Periodic readjustment of the output driver impedance occurs automatically because driver impedance is
affected by drifts in supply voltage and die temperature. A clock cycle counter periodically triggers an impedance evaluation,
resets and counts again. Each impedance evaluation may move the output driver impedance level one step at a time towards the
optimum level. The output driver is implemented with discrete binary weighted impedance steps. The SRAM requires 32K start-up
clock cycles, selected or deselected, after VDD reaches its operating range to reach its programmed output driver impedance.


Similar Part No. - GS8150V18AGB-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS815018AB GSI-GS815018AB Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-250 GSI-GS815018AB-250 Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-250I GSI-GS815018AB-250I Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-300 GSI-GS815018AB-300 Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-300I GSI-GS815018AB-300I Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
More results

Similar Description - GS8150V18AGB-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS815018AB GSI-GS815018AB Datasheet
992Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
logo
Cypress Semiconductor
CY7C1330AV25 CYPRESS-CY7C1330AV25 Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
logo
GSI Technology
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com