Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS881Z36BD-150V Datasheet(PDF) 21 Page - GSI Technology

Part # GS881Z36BD-150V
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881Z36BD-150V Datasheet(HTML) 21 Page - GSI Technology

Back Button GS881Z36BD-150V Datasheet HTML 17Page - GSI Technology GS881Z36BD-150V Datasheet HTML 18Page - GSI Technology GS881Z36BD-150V Datasheet HTML 19Page - GSI Technology GS881Z36BD-150V Datasheet HTML 20Page - GSI Technology GS881Z36BD-150V Datasheet HTML 21Page - GSI Technology GS881Z36BD-150V Datasheet HTML 22Page - GSI Technology GS881Z36BD-150V Datasheet HTML 23Page - GSI Technology GS881Z36BD-150V Datasheet HTML 24Page - GSI Technology GS881Z36BD-150V Datasheet HTML 25Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
GS881Z18/32/36B(T/D)-xxxV
Rev: 1.00 6/2006
21/37
© 2006, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Operating Currents
Parameter
Test Conditions
Mode
Symbol
-250
-200
-150
Unit
0
to 70°C
–40
to
85°C
0
to 70°C
–40
to 85°C
0
to 70°C
–40
to 85°C
Operating
Current
Device Selected;
All other inputs
≥VIH or ≤ VIL
Output open
(x32/x36)
Pipeline
IDD
IDDQ
200
30
220
30
170
25
190
25
140
20
160
20
mA
Flow Through
IDD
IDDQ
160
25
180
25
140
20
160
20
130
15
150
15
mA
(x18)
Pipeline
IDD
IDDQ
185
15
205
15
155
15
175
15
130
10
150
10
mA
Flow Through
IDD
IDDQ
145
15
165
15
130
10
150
10
120
8
140
8
mA
Standby
Current
ZZ
≥ VDD – 0.2 V
Pipeline
ISB
40
50
40
50
40
50
mA
Flow Through
ISB
40
50
40
50
40
50
mA
Deselect
Current
Device Deselected;
All other inputs
≥ VIH or ≤ VIL
Pipeline
IDD
85
90
75
80
60
65
mA
Flow Through
IDD
60
65
50
55
50
55
mA
Notes:
1. IDD and IDDQ apply to any combination of VDD1, VDD2, VDDQ1, and VDDQ2 operation.
2. All parameters listed are worst case scenario.


Similar Part No. - GS881Z36BD-150V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z36BD-150 GSI-GS881Z36BD-150 Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BD-150I GSI-GS881Z36BD-150I Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BD-150IT GSI-GS881Z36BD-150IT Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BD-150T GSI-GS881Z36BD-150T Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS881Z36BD-150V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z18B GSI-GS881Z18B Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882ZV18BB GSI-GS882ZV18BB Datasheet
881Kb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BT GSI-GS880Z18BT Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18AT GSI-GS881Z18AT Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB GSI-GS882Z18AB Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18AT-133 GSI-GS880Z18AT-133 Datasheet
753Kb / 25P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com