Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8162Z72CC-333I Datasheet(PDF) 15 Page - GSI Technology

Part # GS8162Z72CC-333I
Description  18Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8162Z72CC-333I Datasheet(HTML) 15 Page - GSI Technology

Back Button GS8162Z72CC-333I Datasheet HTML 11Page - GSI Technology GS8162Z72CC-333I Datasheet HTML 12Page - GSI Technology GS8162Z72CC-333I Datasheet HTML 13Page - GSI Technology GS8162Z72CC-333I Datasheet HTML 14Page - GSI Technology GS8162Z72CC-333I Datasheet HTML 15Page - GSI Technology GS8162Z72CC-333I Datasheet HTML 16Page - GSI Technology GS8162Z72CC-333I Datasheet HTML 17Page - GSI Technology GS8162Z72CC-333I Datasheet HTML 18Page - GSI Technology GS8162Z72CC-333I Datasheet HTML 19Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
GS8162Z72CC-333/300/250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 3/2005
15/29
© 2004, GSI Technology
Notes:
1. IDD and IDDQ apply to any combination of VDD3, VDD2, VDDQ3, and VDDQ2 operation.
2. All parameters listed are worst case scenario.
Operating Currents
Parameter
Test Conditions
Mode
Symbol
-333
-300
-250
-200
-150
Unit
0
to
70°C
–40
to
85°C
0
to
°C
–40
to
85°C
0
to
70°C
–40
to
85°C
0
to
°C
–40
to
85°C
0
to
70°C
–40
to
85°C
Operating
Current
Device Selected;
All other inputs
≥VIH or ≤ VIL
Output open
(x72)
Pipeline
IDD
IDDQ
460
85
470
85
415
80
425
80
350
75
360
75
290
55
300
55
230
40
240
40
mA
Flow
Through
IDD
IDDQ
320
60
330
60
290
55
300
55
265
50
275
50
230
45
240
45
210
40
220
40
mA
Standby
Current
ZZ
≥ VDD – 0.2 V
Pipeline
ISB
40
50
40
50
40
50
40
50
40
50
mA
Flow
Through
ISB
40
50
40
50
40
50
40
50
40
50
mA
Deselect
Current
Device Deselected;
All other inputs
≥ VIH or ≤ VIL
Pipeline
IDD
85
90
85
90
85
90
85
90
85
90
mA
Flow
Through
IDD
60
65
60
65
60
65
50
55
50
55
mA


Similar Part No. - GS8162Z72CC-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8162Z72CC-150IV GSI-GS8162Z72CC-150IV Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-150V GSI-GS8162Z72CC-150V Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-200IV GSI-GS8162Z72CC-200IV Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-200V GSI-GS8162Z72CC-200V Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-250IV GSI-GS8162Z72CC-250IV Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS8162Z72CC-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8162Z18BB-V GSI-GS8162Z18BB-V Datasheet
1Mb / 33P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72C GSI-GS8162Z72C Datasheet
1Mb / 31P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-V GSI-GS8162Z72CC-V Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18CT GSI-GS8160Z18CT Datasheet
575Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18 GSI-GS8161Z18 Datasheet
939Kb / 36P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18BT-V GSI-GS8160Z18BT-V Datasheet
916Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18T GSI-GS8160Z18T Datasheet
616Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160ZV18CT GSI-GS8160ZV18CT Datasheet
565Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18BT-V GSI-GS8161Z18BT-V Datasheet
1Mb / 35P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18BB GSI-GS8162Z18BB Datasheet
1Mb / 34P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18B GSI-GS8161Z18B Datasheet
863Kb / 37P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com