Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8162ZV72CC-333 Datasheet(PDF) 26 Page - GSI Technology

Part # GS8162ZV72CC-333
Description  18Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8162ZV72CC-333 Datasheet(HTML) 26 Page - GSI Technology

Back Button GS8162ZV72CC-333 Datasheet HTML 19Page - GSI Technology GS8162ZV72CC-333 Datasheet HTML 20Page - GSI Technology GS8162ZV72CC-333 Datasheet HTML 21Page - GSI Technology GS8162ZV72CC-333 Datasheet HTML 22Page - GSI Technology GS8162ZV72CC-333 Datasheet HTML 23Page - GSI Technology GS8162ZV72CC-333 Datasheet HTML 24Page - GSI Technology GS8162ZV72CC-333 Datasheet HTML 25Page - GSI Technology GS8162ZV72CC-333 Datasheet HTML 26Page - GSI Technology GS8162ZV72CC-333 Datasheet HTML 27Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Ordering Information for GSI Synchronous Burst RAMs
Org
Part Number1
Type
Package
Speed2
(MHz/ns)
TA3
Status
256K x 72
GS8162ZV72CC-333
NBT Pipeline/Flow Through
209 BGA
333/4.5
C
256K x 72
GS8162ZV72CC-300
NBT Pipeline/Flow Through
209 BGA
300/5
C
256K x 72
GS8162ZV72CC-250
NBT Pipeline/Flow Through
209 BGA
250/5.5
C
256K x 72
GS8162ZV72CC-200
NBT Pipeline/Flow Through
209 BGA
200/6.5
C
256K x 72
GS8162ZV72CC-150
NBT Pipeline/Flow Through
209 BGA
150/7.5
C
256K x 72
GS8162ZV72CC-333I
NBT Pipeline/Flow Through
209 BGA
333/4.5
I
256K x 72
GS8162ZV72CC-30I
NBT Pipeline/Flow Through
209 BGA
300/5
I
256K x 72
GS8162ZV72CC-250I
NBT Pipeline/Flow Through
209 BGA
250/5.5
I
256K x 72
GS8162ZV72CC-200I
NBT Pipeline/Flow Through
209 BGA
200/6.5
I
256K x 72
GS8162ZV72CC-150I
NBT Pipeline/Flow Through
209 BGA
150/7.5
I
256K x 72
GS8162ZV72CGC-333
NBT Pipeline/Flow Through
Pb-Free 209 BGA
333/4.5
C
256K x 72
GS8162ZV72CGC-300
NBT Pipeline/Flow Through
Pb-Free 209 BGA
300/5
C
256K x 72
GS8162ZV72CGC-250
NBT Pipeline/Flow Through
Pb-Free 209 BGA
250/5.5
C
256K x 72
GS8162ZV72CGC-200
NBT Pipeline/Flow Through
Pb-Free 209 BGA
200/6.5
C
256K x 72
GS8162ZV72CGC-150
NBT Pipeline/Flow Through
Pb-Free 209 BGA
150/7.5
C
256K x 72
GS8162ZV72CGC-333I
NBT Pipeline/Flow Through
Pb-Free 209 BGA
333/4.5
I
256K x 72
GS8162ZV72CGC-30I
NBT Pipeline/Flow Through
Pb-Free 209 BGA
300/5
I
256K x 72
GS8162ZV72CGC-250I
NBT Pipeline/Flow Through
Pb-Free 209 BGA
250/5.5
I
256K x 72
GS8162ZV72CGC-200I
NBT Pipeline/Flow Through
Pb-Free 209 BGA
200/6.5
I
256K x 72
GS8162ZV72CGC-150I
NBT Pipeline/Flow Through
Pb-Free 209 BGA
150/7.5
I
Notes:
1. Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. Example: GS8162ZV72CC-
250IT.
2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each
device is Pipeline/Flow Through mode-selectable by the user.
3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range.
4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are
covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings
GS8162ZV72CC-333/300/250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01a 2/2006
26/27
© 2004, GSI Technology


Similar Part No. - GS8162ZV72CC-333

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8162Z18B GSI-GS8162Z18B Datasheet
1Mb / 38P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18B-133 GSI-GS8162Z18B-133 Datasheet
1Mb / 38P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18B-133I GSI-GS8162Z18B-133I Datasheet
1Mb / 38P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18B-150 GSI-GS8162Z18B-150 Datasheet
1Mb / 38P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18B-150I GSI-GS8162Z18B-150I Datasheet
1Mb / 38P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS8162ZV72CC-333

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8162Z18BB-V GSI-GS8162Z18BB-V Datasheet
1Mb / 33P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72C GSI-GS8162Z72C Datasheet
1Mb / 31P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-V GSI-GS8162Z72CC-V Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18CT GSI-GS8160Z18CT Datasheet
575Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18 GSI-GS8161Z18 Datasheet
939Kb / 36P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18BT-V GSI-GS8160Z18BT-V Datasheet
916Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18T GSI-GS8160Z18T Datasheet
616Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160ZV18CT GSI-GS8160ZV18CT Datasheet
565Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18BT-V GSI-GS8161Z18BT-V Datasheet
1Mb / 35P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18BB GSI-GS8162Z18BB Datasheet
1Mb / 34P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18B GSI-GS8161Z18B Datasheet
863Kb / 37P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com