Selected language     English  ▼


GS8170DD36C-333 Datasheet(PDF) 3 Page - GSI Technology

Part No. GS8170DD36C-333
Description  18Mb Σ1x2Lp CMOS I/O Double Data Rate SigmaRAM
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

 
 3 page
background image
GS8170DD36C-333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.03 1/2005
3/29
© 2002, GSI Technology, Inc.
Operation Control
All address, data and control inputs (with the exception of EP2, EP3, ZQ, and the mode pins, L6, M6, and J6) are synchronized to
rising clock edges. Data in is captured on both rising and falling edges of CK. Read and write operations must be initiated with the
Advance/Load pin (ADV) held low, in order to load the new address. Device activation is accomplished by asserting all three of
the Chip Enable inputs (E1, E2, and E3). Deassertion of any one of the Enable inputs will deactivate the device. It should be noted
that ONLY deactivation of the RAM via E2 and/or E3 deactivates the Echo Clocks, CQ1–CQ2.
Pin Description Table
Symbol
Description
Type
Comments
A
Address
Input
ADV
Advance
Input
Active High
W
Write Enable
Input
Active Low
E1
Chip Enable
Input
Active Low
E2 & E3
Chip Enable
Input
Programmable Active High or Low
EP2 & EP3
Chip Enable Program Pin
Mode Input
To be tied directly to VDD, VDDQ or VSS
CK
Clock
Input
Active High
CQ, CQ
Echo Clock
Output
Three State - Deselect via E2 or E3 False
DQ
Data I/O
Input/Output
Three State
MCH
Must Connect High
Input
Active High
To be tied directly to VDD or VDDQ
MCL
Must Connect Low
Input
Active Low
To be tied directly to VSS
ZQ
Output Impedance Control
Mode Input
Low = Low Impedance [High Drive]
High = High Impedance [Low Drive]
To be tied directly to VDDQ or VSS
TCK
Test Clock
Input
Active High
TDI
Test Data In
Input
TDO
Test Data Out
Output
TMS
Test Mode Select
Input
NC
No Connect
Not connected to die or any other pin
VDD
Core Power Supply
Input
1.8 V Nominal
VDDQ
Output Driver Power Supply
Input
1.8 V Nominal
VSS
Ground
Input




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS8170DW36AC18Mb Σ1x1Dp CMOS I/O Double Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8170DW36C18Mb Σ1x1Dp CMOS I/O Double Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
MB81N6432898 x 256K x 32 BIT DOUBLE DATA RATE FCRAMTM 1 2 3 4 5 MoreFujitsu Component Limited.
HYS72D32300GBR184-Pin Registered Double Data Rate SDRAM Module 1 2 3 4 5 MoreInfineon Technologies AG
MH16D64AKQC-751 073 741 824-BIT 16 777 216-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MB81P6432878 x 256K x 32 BIT FCRAMTM CORE BASED DOUBLE DATA RATE SDRAM 1 2 3 4 5 MoreFujitsu Component Limited.
HYS72D128300GBR184-Pin Registered Double Data Rate SDRAM Module 1 2 3 4 5 MoreInfineon Technologies AG
SAA32M4DOUBLE DATA RATE DDR SDRAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HYS72D32300GBR-5-B184 - Pin Registered Double Data Rate SDRAM Modules 1 2 3 4 5 MoreInfineon Technologies AG
MH16D72AKLB-101 207.959 552-BIT 16 777 216-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl