Selected language     English  ▼


GS8170DD36C-333 Datasheet(PDF) 10 Page - GSI Technology

Part No. GS8170DD36C-333
Description  18Mb Σ1x2Lp CMOS I/O Double Data Rate SigmaRAM
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

 10 page
background image
GS8170DD36C-333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.03 1/2005
10/29
© 2002, GSI Technology, Inc.
It should be noted that deselection of the RAM via E2 and E3 also deselects the Echo Clock output drivers. The deselection of
Echo Clock drivers is always pipelined to the same degree as output data. Deselection of the RAM via E1 does not deactivate the
Echo Clocks.
In some applications it may be appropriate to pause between banks; to deselect both RAMs with E1 before resuming read
operations. An E1 deselect at a bank switch will allow at least one clock to be issued from the new bank before the first read cycle
in the bank. Although the following drawing illustrates a E1 read pause upon switching from Bank 1 to Bank 2, a write to Bank 2
would have the same effect, causing the RAM in Bank 2 to issue at least one clock before it is needed.
Echo Clock Control in Two Banks of Double Data Rate SigmaRAMs
QA0
QA1
QC0
QC1
QB0
QB1
QD0
QD1
Note: E1\ does not deselect the Echo Clock Outputs. Echo Clock outputs are synchronously deselected by E2 or E3 being sampled false.
CQ1 + CQ2
Read
Read
DQ
Bank 2
CQ
Bank 2
CQ
Bank 1
Read
DQ
Bank 1
Address
A
B
ADV
Read
Read
F
/E2 Bank 1
E2 Bank 2
CDE
CK




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS8170DW36AC18Mb Σ1x1Dp CMOS I/O Double Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8170DW36C18Mb Σ1x1Dp CMOS I/O Double Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
MB81N6432898 x 256K x 32 BIT DOUBLE DATA RATE FCRAMTM 1 2 3 4 5 MoreFujitsu Component Limited.
HYS72D32300GBR184-Pin Registered Double Data Rate SDRAM Module 1 2 3 4 5 MoreInfineon Technologies AG
MH16D64AKQC-751 073 741 824-BIT 16 777 216-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MB81P6432878 x 256K x 32 BIT FCRAMTM CORE BASED DOUBLE DATA RATE SDRAM 1 2 3 4 5 MoreFujitsu Component Limited.
HYS72D128300GBR184-Pin Registered Double Data Rate SDRAM Module 1 2 3 4 5 MoreInfineon Technologies AG
SAA32M4DOUBLE DATA RATE DDR SDRAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HYS72D32300GBR-5-B184 - Pin Registered Double Data Rate SDRAM Modules 1 2 3 4 5 MoreInfineon Technologies AG
MH16D72AKLB-101 207.959 552-BIT 16 777 216-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl