Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8170DW36C Datasheet(PDF) 12 Page - GSI Technology

Part # GS8170DW36C
Description  18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8170DW36C Datasheet(HTML) 12 Page - GSI Technology

Back Button GS8170DW36C Datasheet HTML 8Page - GSI Technology GS8170DW36C Datasheet HTML 9Page - GSI Technology GS8170DW36C Datasheet HTML 10Page - GSI Technology GS8170DW36C Datasheet HTML 11Page - GSI Technology GS8170DW36C Datasheet HTML 12Page - GSI Technology GS8170DW36C Datasheet HTML 13Page - GSI Technology GS8170DW36C Datasheet HTML 14Page - GSI Technology GS8170DW36C Datasheet HTML 15Page - GSI Technology GS8170DW36C Datasheet HTML 16Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
GS8170DW36/72C-333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.04 5/2005
12/27
© 2002, GSI Technology, Inc.
CMOS Output Driver Impedance Control
CMOS I/O SigmaRAMs are supplied with selectable (high or low) impedance output drivers. The ZQ pin allows selection between
SRAM nominal drive strength (ZQ low) for multi-drop bus applications and low drive strength (ZQ high) point-to-point
applications.
Double Late Write, Pipelined Read Truth Table
CK
E1
(tn)
E
(tn)
ADV
(tn)
W
(tn)
B
(tn)
Previous
Operation
Current Operation
DQ/CQ
(tn)
DQ/CQ
(tn+1)
DQ/CQ
(tn+2)
01
X
F
0
X
X
X
Bank Deselect
***/***
Hi-Z/Hi-Z
---
01
X
X
1
X
X
Bank Deselect Bank Deselect (Continue)
Hi-Z/Hi-Z
Hi-Z/Hi-Z
---
01
1
T
0
X
X
X
Deselect
***/***
Hi-Z/CQ
---
01
X
X
1
X
X
Deselect
Deselect (Continue)
Hi-Z/CQ
Hi-Z/CQ
---
01
0
T
0
0
T
X
Write
Loads new address
Stores DQx if Bx = 0
***/***
***/***
D1/CQ
01
0
T
0
0
F
X
Write (Abort)
Loads new address
No data stored
***/***
***/***
Hi-Z/CQ
01
X
X
1
X
T
Write
Write Continue
Increments address by 1
Stores DQx if Bx = 0
***/***
Dn-1/CQ
Dn/CQ
01
X
X
1
X
F
Write
Write Continue (Abort)
Increments address by 1
No data stored
***/***
Dn-1/CQ
Hi-Z/CQ
01
0
T
0
1
X
X
Read
Loads new address
***/***
Q1/CQ
---
01
X
X
1
X
X
Read
Read Continue
Increments address by 1
Qn-1/CQ
Qn/CQ
---
Notes:
1. If E2 = EP2 and E3 = EP3, then E = “T” else E = “F”.
2. If one or more Bx = 0, then B = “T” else B = “F”.
3. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
4. “***” indicates that the DQ input requirement / output state and CQ output state are determined by the previous operation.
5.
“---” indicates that the DQ input requirement / output state and CQ output state are determined by the next operation.
6. DQs are tristated in response to Bank Deselect, Deselect, and Write commands, one full cycle after the command is sampled.
7. CQs are tristated in response to Bank Deselect commands only, one full cycle after the command is sampled.
8. Up to three (3) Continue operations may be initiated after a Read or Write operation is initiated to burst transfer up to four (4) distinct pieces
of data per single external address input. If a fourth (4th) Continue operation is initiated, the internal address wraps back to the initial exter-
nal (base) address.


Similar Part No. - GS8170DW36C

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36AC GSI-GS8170DW36AC Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-250 GSI-GS8170DW36AC-250 Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-250I GSI-GS8170DW36AC-250I Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-300 GSI-GS8170DW36AC-300 Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-300I GSI-GS8170DW36AC-300I Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
More results

Similar Description - GS8170DW36C

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36AC GSI-GS8170DW36AC Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170DD36C GSI-GS8170DD36C Datasheet
716Kb / 29P
   18Mb 誇1x2Lp CMOS I/O Double Data Rate SigmaRAM
GS8330DW36 GSI-GS8330DW36 Datasheet
583Kb / 30P
   Double Late Write SigmaRAM
logo
Motorola, Inc
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com