Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8170DW72C-300 Datasheet(PDF) 2 Page - GSI Technology

Part # GS8170DW72C-300
Description  18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8170DW72C-300 Datasheet(HTML) 2 Page - GSI Technology

  GS8170DW72C-300 Datasheet HTML 1Page - GSI Technology GS8170DW72C-300 Datasheet HTML 2Page - GSI Technology GS8170DW72C-300 Datasheet HTML 3Page - GSI Technology GS8170DW72C-300 Datasheet HTML 4Page - GSI Technology GS8170DW72C-300 Datasheet HTML 5Page - GSI Technology GS8170DW72C-300 Datasheet HTML 6Page - GSI Technology GS8170DW72C-300 Datasheet HTML 7Page - GSI Technology GS8170DW72C-300 Datasheet HTML 8Page - GSI Technology GS8170DW72C-300 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
GS8170DW36/72C-333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.04 5/2005
2/27
© 2002, GSI Technology, Inc.
256K x 72 Common I/O—Top View (Package C)
1
2
3
4
5
6
7
8
9
10
11
A
DQg
DQg
A
E2
A
ADV
A
E3
A
DQb
DQb
B
DQg
DQg
Bc
Bg
NC
W
A
Bb
Bf
DQb
DQb
C
DQg
DQg
Bh
Bd
NC
(144M)
E1
NC
Be
Ba
DQb
DQb
D
DQg
DQg
VSS
NC
NC
MCL
NC
NC
VSS
DQb
DQb
E
DQg
DQc
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQf
DQb
F
DQc
DQc
VSS
VSS
VSS
ZQ
VSS
VSS
VSS
DQf
DQf
G
DQc
DQc
VDDQ
VDDQ
VDD
EP2
VDD
VDDQ
VDDQ
DQf
DQf
H
DQc
DQc
VSS
VSS
VSS
EP3
VSS
VSS
VSS
DQf
DQf
J
DQc
DQc
VDDQ
VDDQ
VDD
MCH
VDD
VDDQ
VDDQ
DQf
DQf
K
CQ2
CQ2
CK
NC
VSS
MCL
VSS
NC
NC
CQ1
CQ1
L
DQh
DQh
VDDQ
VDDQ
VDD
MCH
VDD
VDDQ
VDDQ
DQa
DQa
M
DQh
DQh
VSS
VSS
VSS
MCL
VSS
VSS
VSS
DQa
DQa
N
DQh
DQh
VDDQ
VDDQ
VDD
MCH
VDD
VDDQ
VDDQ
DQa
DQa
P
DQh
DQh
VSS
VSS
VSS
MCL
VSS
VSS
VSS
DQa
DQa
R
DQd
DQh
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQa
DQe
T
DQd
DQd
VSS
NC
NC
MCL
NC
NC
VSS
DQe
DQe
U
DQd
DQd
NC
A
NC
(72M)
A
NC
(36M)
A
NC
DQe
DQe
V
DQd
DQd
A
A
A
A1
A
A
A
DQe
DQe
W
DQd
DQd
TMS
TDI
A
A0
A
TDO
TCK
DQe
DQe
• 2002.06
11 x 19 Bump BGA—14 x 22 mm2 Body—1 mm Bump Pitch
Note:
Users of CMOS I/O SigmaRAMs may wish to connect “NC, VREF” and the “NC, CK” pins to VREF (i.e., VDDQ/2) to allow alternate
use of future HSTL I/O SigmaRAMs.


Similar Part No. - GS8170DW72C-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW72AC-250 GSI-GS8170DW72AC-250 Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW72AC-250I GSI-GS8170DW72AC-250I Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW72AC-300 GSI-GS8170DW72AC-300 Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW72AC-300I GSI-GS8170DW72AC-300I Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW72AC-333 GSI-GS8170DW72AC-333 Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
More results

Similar Description - GS8170DW72C-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36AC GSI-GS8170DW36AC Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170DD36C GSI-GS8170DD36C Datasheet
716Kb / 29P
   18Mb 誇1x2Lp CMOS I/O Double Data Rate SigmaRAM
GS8330DW36 GSI-GS8330DW36 Datasheet
583Kb / 30P
   Double Late Write SigmaRAM
logo
Motorola, Inc
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com