Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8170DD36C-300I Datasheet(PDF) 16 Page - GSI Technology

Part # GS8170DD36C-300I
Description  18Mb 誇1x2Lp CMOS I/O Double Data Rate SigmaRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8170DD36C-300I Datasheet(HTML) 16 Page - GSI Technology

Back Button GS8170DD36C-300I Datasheet HTML 12Page - GSI Technology GS8170DD36C-300I Datasheet HTML 13Page - GSI Technology GS8170DD36C-300I Datasheet HTML 14Page - GSI Technology GS8170DD36C-300I Datasheet HTML 15Page - GSI Technology GS8170DD36C-300I Datasheet HTML 16Page - GSI Technology GS8170DD36C-300I Datasheet HTML 17Page - GSI Technology GS8170DD36C-300I Datasheet HTML 18Page - GSI Technology GS8170DD36C-300I Datasheet HTML 19Page - GSI Technology GS8170DD36C-300I Datasheet HTML 20Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
GS8170DD36C-333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.03 1/2005
16/29
© 2002, GSI Technology, Inc.
Input and Output Leakage Characteristics
Parameter
Symbol
Test Conditions
Min.
Max
Notes
Input Leakage Current
(except mode pins)
IIL
VIN = 0 to VDDQ
–2 uA
2 uA
ZQ, MCH, MCL, EP2, EP3
Pin Input Current
IINM
VIN = 0 to VDDQ
–50 uA
50 uA
Output Leakage Current
IOL
Output Disable,
VOUT = 0 to VDDQ
–2 uA
2 uA
Selectable Impedance Output Driver DC Electrical Characteristics
Parameter
Symbol
Test Conditions
Min.
Max
Notes
Low Drive Output High Voltage
VOHL
IOHL = –4 mA
VDDQ – 0.4 V
—1
Low Drive Output Low Voltage
VOLL
IOLL = 4 mA
0.4 V
1
High Drive Output High Voltage
VOHH
IOHH = –8 mA
VDDQ – 0.4 V
—2
High Drive Output Low Voltage
VOLH
IOLH = 8 mA
0.4 V
2
Notes:
1. ZQ = 1; High Impedance output driver setting
2. ZQ = 0; Low Impedance output driver setting
Operating Currents
Parameter
Symbol
-333
-300
-250
-200
Test Conditions
0°C
to
70°C
–40°C
to
+85°C
0°C
to
70°C
–40°C
to
+85°C
0°C
to
70°C
–40°C
to
+85°C
0°C
to
70°C
–40°C
to
+85°C
Operating
Current
x36
IDDP (PL)
345 mA
355 mA
320 mA
330 mA
275 mA
285 mA
225 mA
235 mA
E1
≤ VIL Max.
tKHKH
≥ tKHKH Min.
All other inputs
VIL ≥ VIN ≥ VIH
Chip Disable
Current
x36
ISB1 (PL)
75 mA
85 mA
70 mA
80 mA
65 mA
75 mA
60 mA
70 mA
E1
≥ VIH Min. or
tKHKH
≥ tKHKH Min.
All other inputs
VIL ≥ VIN ≥ VIH
Bank Deselect
Current
x36
ISB2 (PL)
75 mA
85 mA
70 mA
80 mA
65 mA
75 mA
60 mA
70 mA
E2 or E3 False
tKHKH
≥ tKHKH Min.
All other inputs
VIL ≥ VIN ≥ VIH
CMOS
Deselect
Current
IDD3
45 mA
55 mA
45 mA
55 mA
45 mA
55 mA
45 mA
55 mA
Device Deselected
All inputs
VSS + 0.10 V
≥ VIN
VDD – 0.10 V


Similar Part No. - GS8170DD36C-300I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36AC GSI-GS8170DW36AC Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-250 GSI-GS8170DW36AC-250 Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-250I GSI-GS8170DW36AC-250I Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-300 GSI-GS8170DW36AC-300 Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-300I GSI-GS8170DW36AC-300I Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
More results

Similar Description - GS8170DD36C-300I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC GSI-GS8170DW36AC Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com