Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8162ZV72CGC-333I Datasheet(PDF) 20 Page - GSI Technology

Part # GS8162ZV72CGC-333I
Description  18Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8162ZV72CGC-333I Datasheet(HTML) 20 Page - GSI Technology

Back Button GS8162ZV72CGC-333I Datasheet HTML 16Page - GSI Technology GS8162ZV72CGC-333I Datasheet HTML 17Page - GSI Technology GS8162ZV72CGC-333I Datasheet HTML 18Page - GSI Technology GS8162ZV72CGC-333I Datasheet HTML 19Page - GSI Technology GS8162ZV72CGC-333I Datasheet HTML 20Page - GSI Technology GS8162ZV72CGC-333I Datasheet HTML 21Page - GSI Technology GS8162ZV72CGC-333I Datasheet HTML 22Page - GSI Technology GS8162ZV72CGC-333I Datasheet HTML 23Page - GSI Technology GS8162ZV72CGC-333I Datasheet HTML 24Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
ID Register Contents
Die
Revision
Code
Not Used
I/O
Configuration
GSI Technology
JEDEC Vendor
ID Code
Bit # 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
0
x72
X X X X
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
1
0
0 0 1 1 0 1 1 0 0 1
1
GS8162ZV72CC-333/300/250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01a 2/2006
20/27
© 2004, GSI Technology
Tap Controller Instruction Set
Overview
There are two classes of instructions defined in the Standard 1149.1-1990; the standard (Public) instructions, and device specific
(Private) instructions. Some Public instructions are mandatory for 1149.1 compliance. Optional Public instructions must be
implemented in prescribed ways. The TAP on this device may be used to monitor all input and I/O pads, and can be used to load
address, data or control signals into the RAM or to preload the I/O buffers.
When the TAP controller is placed in Capture-IR state the two least significant bits of the instruction register are loaded with 01.
When the controller is moved to the Shift-IR state the Instruction Register is placed between TDI and TDO. In this state the desired
instruction is serially loaded through the TDI input (while the previous contents are shifted out at TDO). For all instructions, the
TAP executes newly loaded instructions only when the controller is moved to Update-IR state. The TAP instruction set for this
device is listed in the following table.


Similar Part No. - GS8162ZV72CGC-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8162Z18B GSI-GS8162Z18B Datasheet
1Mb / 38P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18B-133 GSI-GS8162Z18B-133 Datasheet
1Mb / 38P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18B-133I GSI-GS8162Z18B-133I Datasheet
1Mb / 38P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18B-150 GSI-GS8162Z18B-150 Datasheet
1Mb / 38P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18B-150I GSI-GS8162Z18B-150I Datasheet
1Mb / 38P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS8162ZV72CGC-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8162Z18BB-V GSI-GS8162Z18BB-V Datasheet
1Mb / 33P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72C GSI-GS8162Z72C Datasheet
1Mb / 31P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-V GSI-GS8162Z72CC-V Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18CT GSI-GS8160Z18CT Datasheet
575Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18 GSI-GS8161Z18 Datasheet
939Kb / 36P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18BT-V GSI-GS8160Z18BT-V Datasheet
916Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18T GSI-GS8160Z18T Datasheet
616Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160ZV18CT GSI-GS8160ZV18CT Datasheet
565Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18BT-V GSI-GS8161Z18BT-V Datasheet
1Mb / 35P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18BB GSI-GS8162Z18BB Datasheet
1Mb / 34P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18B GSI-GS8161Z18B Datasheet
863Kb / 37P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com