Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8170DD36C-250I Datasheet(PDF) 17 Page - GSI Technology

Part # GS8170DD36C-250I
Description  18Mb 誇1x2Lp CMOS I/O Double Data Rate SigmaRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8170DD36C-250I Datasheet(HTML) 17 Page - GSI Technology

Back Button GS8170DD36C-250I Datasheet HTML 13Page - GSI Technology GS8170DD36C-250I Datasheet HTML 14Page - GSI Technology GS8170DD36C-250I Datasheet HTML 15Page - GSI Technology GS8170DD36C-250I Datasheet HTML 16Page - GSI Technology GS8170DD36C-250I Datasheet HTML 17Page - GSI Technology GS8170DD36C-250I Datasheet HTML 18Page - GSI Technology GS8170DD36C-250I Datasheet HTML 19Page - GSI Technology GS8170DD36C-250I Datasheet HTML 20Page - GSI Technology GS8170DD36C-250I Datasheet HTML 21Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
GS8170DD36C-333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.03 1/2005
17/29
© 2002, GSI Technology, Inc.
AC Electrical Characteristics
Parameter
Symbol
-333
-300
-250
-200
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Clock Cycle Time
tKHKH
3.0
3.3
4.0
5.0
ns
Clock High Time
tKHKL
1.2
1.3
1.6
1.8
ns
Clock Low Time
tKLKH
1.2
1.3
1.6
1.8
ns
Clock High to Echo Clock Low-Z
tKHCX1
0.5
0.5
0.5
0.5
ns
2
Clock High to Echo Clock High
tKHCH
1.8
1.8
2.1
2.1
ns
Clock Low to Echo Clock Low
tKLCL
1.8
1.8
2.1
2.1
ns
Clock High to Echo Clock High-Z
tKHCZ
1.8
1.8
2.1
2.1
ns
1, 2
Clock High to Output Low-Z
tKHQX1
0.5
0.5
0.5
0.5
ns
1
Clock High to Output Valid
tKHQV
1.8
1.8
2.1
2.1
ns
Clock Low to Output Invalid
tKLQX
0.5
0.5
0.5
0.5
ns
Clock Low to Output Valid
tKLQV
1.8
1.8
2.1
2.1
ns
Clock High to Output Invalid
tKHQX
0.5
0.5
0.5
0.5
ns
Clock High to Output High-Z
tKHQZ
1.8
1.8
2.1
2.1
ns
1
Echo Clock High to Output Valid
tCHQV
0.27
0.29
0.35
0.35
ns
2
Echo Clock Low to Output Invalid
tCLQX
–0.27
–0.29
–0.35
–0.35
ns
2
Echo Clock Low to Output Valid
tCLQV
0.27
0.29
0.35
0.35
ns
2
Echo Clock High to Output Invalid
tCHQX
-0.27
-0.29
-0.35
-0.35
ns
2
Address Valid to Clock High
tAVKH
0.6
0.7
0.8
0.8
ns
Clock High to Address Don’t Care
tKHAX
0.4
0.4
0.5
0.5
ns
Enable Valid to Clock High
tEVKH
0.6
0.7
0.8
0.8
ns
Clock High to Enable Don’t Care
tKHEX
0.4
0.4
0.5
0.5
ns
Write Valid to Clock High
tWVKH
0.6
0.7
0.8
0.8
ns
Clock High to Write Don’t Care
tKHWX
0.4
0.4
0.5
0.5
ns
Data In Valid to Clock High
tDVKH
0.32
0.35
0.40
0.40
ns
Notes:
1. Measured at 100 mV from steady state. Not 100% tested.
2. Guaranteed by design. Not 100% tested.
3. For any specific temperature and voltage tKHCZ < tKHCX1.


Similar Part No. - GS8170DD36C-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36AC GSI-GS8170DW36AC Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-250 GSI-GS8170DW36AC-250 Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-250I GSI-GS8170DW36AC-250I Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-300 GSI-GS8170DW36AC-300 Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-300I GSI-GS8170DW36AC-300I Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
More results

Similar Description - GS8170DD36C-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC GSI-GS8170DW36AC Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com