Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2081 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # TMC2081
Description  Digital Video Mixer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2081 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button TMC2081 Datasheet HTML 4Page - Fairchild Semiconductor TMC2081 Datasheet HTML 5Page - Fairchild Semiconductor TMC2081 Datasheet HTML 6Page - Fairchild Semiconductor TMC2081 Datasheet HTML 7Page - Fairchild Semiconductor TMC2081 Datasheet HTML 8Page - Fairchild Semiconductor TMC2081 Datasheet HTML 9Page - Fairchild Semiconductor TMC2081 Datasheet HTML 10Page - Fairchild Semiconductor TMC2081 Datasheet HTML 11Page - Fairchild Semiconductor TMC2081 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TMC2081
PRODUCT SPECIFICATION
8
Table 10. GBR DAC Transfer Characteristic
with Pedestal (SETUP = H)
YCBCR Output
Data inputs are unsigned Ydata and offset-binary format
CBdata and CRdata. BLANK = L sets CB and CR outputs to
128, the value for zero chrominance data. YCBCR transfer
equations are:
Y = (Ydata + SETUP * 21) & BLANK + SYNC * 110
CB = (Cdata + SETUP * 21) & BLANK + 128 & !BLANK
CR = (Cdata + SETUP * 21) & BLANK + 128 & !BLANK
Sample outputs are listed in Table 11 and Table 12.
Table 11. YCrCb DAC Transfer Characteristic
without Pedestal (SETUP = L)
Table 12. YCrCb DAC Transfer Characteristic
with Pedestal (SETUP = H)
D/A
Input
Data
G
B or R
SYNC BLANK
IU
mV
IU
mV
255
1
1
386
1000
276
715
128
1
1
259
671
149
386
0
1
1
131
339
21
54
X
1
0
110
285
0
0
X0
0
0
0
0
0
128
0
1
149
386
149
386
D/A
Input
Data
YCB or CR
SYNC BLANK
IU
mV
IU
mV
255
1
1
365
1000
255
699
128
1
1
238
652
128.
351
64
1
1
174
477
64
175
0
1
1
110
301
0
0
X
1
0
110
301
128
351
X
0
0
0
0
128
351
64
0
1
64
175
64
175
D/A
Y
CB or CR
Data
SYNC BLANK
IU
mV
IU
mV
255
1
1
386
1000
276
715
128
1
1
259
670
149
386
64
1
1
195
505
85
220
0
1
1
131
339
21
54
X
1
0
110
285
149
386
X
0
0
0
0
149
386
64
0
1
85
220
85
220
Dissolve and Crossfade Operation
Video transitions such as dissolve and fades may be
executed by direct
a-channel control. Rate and start time for
the transition depends entirely upon the value of the
a8-0
inputs. Transitions may be executed as quickly or slowly as
values are presented to the
a-channel. Transitions may
remain partially executed by keeping
a-values constant.
It is possible to mix modes, bringing data in either 444 or
422 format and outputting data in 422 or 444 format.
In the 444/444 mode (see Figure 7),
a is applied to each
YCBCR or GBR pixel pair at the input of the mixer.
The YCBCR444 output is mixed at the full
a rate.
In the 422/422 mode (see Figure 8),
a mixes the Y compo-
nent of incoming PDA and PDB pixels. Only odd indexed
a
values mix CBCR components.
a-values applied to CBCR
change synchronously with CB data. Consequently, full
bandwidth
a data is applied to the luminance channel but the
chrominance channel
a values are decimated by dropping
the even values that are synchronous with CR data.
In the 422/444 mode (see Figure 9), YCBCR422 data is
accepted at the PDA and PDB port but the output at the
M23-0 port is YCBCR444.
a may change from pixel-to-pixel
with mixing at the M23-0 outputs tracking both Y and CBCR.
Although odd values of CB and CR are repeated at half the
pixel rate,
a transitions are applied to CB and CR at the pixel
rate.
Microprocessor Interface
Internal Control Registers, CLUT,
aLUT, and the overlay
palette are accessed through a bi-directional microprocessor
port, D7-0. Table 13 shows how address bits, A2-0, select the
registers to be accessed.
Table 13. Microprocessor Port Address Map
A2-0
Action
000
RAM Address Register for CLUT,
aLUT, and
overlay palette for write operations
001
Directs RAM R/W operations selected by the
two MSBs of Control Address Register
010
Reserved
011
RAM Address Register for CLUT,
aLUT, and
overlay palette for read operations
100
Reserved
101
Directs Control Register R/W operations
selected by the four LSBs of the Control
Address Register
110
Mask Register (Default: Load with FF)
111
Control Address Register


Similar Part No. - TMC2081

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
TMC2084 SMSC-TMC2084 Datasheet
814Kb / 74P
   Standalone Mode CircLink Controller
TMC2084-HD SMSC-TMC2084-HD Datasheet
814Kb / 74P
   Standalone Mode CircLink Controller
TMC2084-HT SMSC-TMC2084-HT Datasheet
814Kb / 74P
   Standalone Mode CircLink Controller
More results

Similar Description - TMC2081

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48212 INTERSIL-HSP48212 Datasheet
57Kb / 9P
   Digital Video Mixer
logo
Renesas Technology Corp
HSP48212 RENESAS-HSP48212 Datasheet
273Kb / 9P
   Digital Video Mixer
May 1999
logo
Advantech Co., Ltd.
VEGA-1010 ADVANTECH-VEGA-1010 Datasheet
134Kb / 1P
   4K UHD HDMI Video Mixer
29-Mar-2023
logo
Samsung semiconductor
KS0123 SAMSUNG-KS0123 Datasheet
456Kb / 44P
   DIGITAL VIDEO ENCODER
logo
Sony Corporation
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
   Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7102 PHILIPS-SAA7102 Datasheet
289Kb / 76P
   Digital video encoder
2001 Sep 25
SAA7126H PHILIPS-SAA7126H Datasheet
155Kb / 40P
   Digital video encoder
1999 May 31
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7120H PHILIPS-SAA7120H Datasheet
156Kb / 36P
   Digital video encoder
2002 Oct 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com