Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8180QV18D-100I Datasheet(PDF) 10 Page - GSI Technology

Part # GS8180QV18D-100I
Description  18Mb Burst of 2 SigmaQuad SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8180QV18D-100I Datasheet(HTML) 10 Page - GSI Technology

Back Button GS8180QV18D-100I Datasheet HTML 6Page - GSI Technology GS8180QV18D-100I Datasheet HTML 7Page - GSI Technology GS8180QV18D-100I Datasheet HTML 8Page - GSI Technology GS8180QV18D-100I Datasheet HTML 9Page - GSI Technology GS8180QV18D-100I Datasheet HTML 10Page - GSI Technology GS8180QV18D-100I Datasheet HTML 11Page - GSI Technology GS8180QV18D-100I Datasheet HTML 12Page - GSI Technology GS8180QV18D-100I Datasheet HTML 13Page - GSI Technology GS8180QV18D-100I Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
GS8180QV18/36D-200/167/133/100*
Rev: 2.03 10/2004
10/32
© 2002, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
FLXDrive-II Output Driver Impedance Control
HSTL I/O SigmaQuad SRAMs are supplied with programmable impedance output drivers. The ZQ pin must be connected to VSS
via an external resistor, RQ, to allow the SRAM to monitor and adjust its output driver impedance. The value of RQ must be 5X the
value of the intended line impedance driven by the SRAM. The allowable range of RQ to guarantee impedance matching with a
vendor-specified tolerance is between 150
Ω and 300Ω. Periodic readjustment of the output driver impedance is necessary as the
impedance is affected by drifts in supply voltage and temperature. A clock cycle counter periodically triggers an impedance
evaluation, resets and counts again. Each impedance evaluation may move the output driver impedance level one step at a time
towards the optimum level. The output driver is implemented with discrete binary weighted impedance steps. The SRAM requires
32K start-up cycles, selected or deselected, after VDD reaches its operating range to reach its programmed output driver impedance.
Burst of 2 Coherency and Pass Through Functions
Because the Burst of 2 read and write commands are loaded at the same time, there may be some confusion over what constitutes
“coherent” operation. Normally, one would expect a RAM to produce the just-written data when it is read immediately after a
write. This is true of the Burst of 2 except in one case, as is illustrated in the following diagram. If the user holds the same address
value in a given K clock cycle, loading the same address as a read address and then as a matching write address, the Burst of 2 will
read or “Pass-thru” the latest data input, rather than the data from the previously completed write operation.
Burst of 2 Coherency and Pass Through Functions
Dwg Rev. G
DB0
DB1
DD0
DD1
DF0
DF1
DH0
DH1
DI0
QA0
QA1
QC0
QC1
QE0
QE1
71
Write
Read
OO
IO
56
OI
3
Write
Read
Write
C
/R
/W
/BWx
Read
Write
Address
OO
OI
OI
OO
OO
OO
Read
K
/K
D
Q
??
5
/C
4
682
719
HI
ABCD
E
F
G
COHERENT
PASS-THRU


Similar Part No. - GS8180QV18D-100I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8180QV18 GSI-GS8180QV18 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167I GSI-GS8180QV18BD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200 GSI-GS8180QV18BD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results

Similar Description - GS8180QV18D-100I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200 GSI-GS8180QV18BD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV36BD-200I GSI-GS8180QV36BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167I GSI-GS8180QV18BGD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167I GSI-GS8180QV18BD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-200 GSI-GS8180QV18BGD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180Q18D GSI-GS8180Q18D Datasheet
777Kb / 32P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV36BGD-200 GSI-GS8180QV36BGD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com