Selected language     English  ▼


GS8170DW36AGC-250 Datasheet(PDF) 11 Page - GSI Technology

Part No. GS8170DW36AGC-250
Description  18Mb Σ1x1Dp CMOS I/O Double Late Write SigmaRAM
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

 11 page
background image
GS8170DW36/72AC-350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2005
11/32
© 2003, GSI Technology
It should be noted that deselection of the RAM via E2 and E3 also deselects the Echo Clock output drivers. The deselection of
Echo Clock drivers is always pipelined to the same degree as output data. Deselection of the RAM via E1 does not deactivate the
Echo Clocks.
In some applications it may be appropriate to pause between banks; to deselect both RAMs with E1 before resuming read
operations. An E1 deselect at a bank switch will allow at least one clock to be issued from the new bank before the first read cycle
in the bank. Although the following drawing illustrates a E1 read pause upon switching from Bank 1 to Bank 2, a write to Bank 2
would have the same effect, causing the RAM in Bank 2 to issue at least one clock before it is needed.
Echo Clock Control in Two Banks of SigmaRAMs
Note: E1\ does not deselect the Echo Clock Outputs. Echo Clock outputs are synchronously deselected by E2 or E3 being sampled false.
QD
CQ
Bank 1
CQ
Bank 2
DQ
Bank 2
QB
CQ1 + CQ2
QC
Address
A
B
/E1
/E2 Bank 1
E2 Bank 2
DQ
Bank 1
QA
ADV
F
DE
C
Read
Read
Read
CK
Read
Read




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS8170DW36C18Mb Σ1x1Dp CMOS I/O Double Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8171DW36AC18Mb Σ1x1Dp HSTL I/O Double Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8170LW3618Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8170LW36AC18Mb Σ1x1Lp CMOS I/O Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8330LW36C36Mb Σ1x1Lp CMOS I/O Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8170DD36C18Mb Σ1x2Lp CMOS I/O Double Data Rate SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8330DW36Double Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS815018AB1M x 18 512K x 36 18Mb Register-Register Late Write SRAM 1 2 3 4 5 MoreGSI Technology
UPD44433624M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE 1 2 3 4 5 MoreNEC
UPD44833628M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 256K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl