Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8170DW36AGC-350I Datasheet(PDF) 25 Page - GSI Technology

Part # GS8170DW36AGC-350I
Description  18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8170DW36AGC-350I Datasheet(HTML) 25 Page - GSI Technology

Back Button GS8170DW36AGC-350I Datasheet HTML 21Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 22Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 23Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 24Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 25Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 26Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 27Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 28Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 29Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
GS8170DW36/72AC-350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2005
25/32
© 2003, GSI Technology
JTAG Tap Controller State Diagram
Instruction Descriptions
BYPASS
When the BYPASS instruction is loaded in the Instruction Register the Bypass Register is placed between TDI and TDO. This
occurs when the TAP controller is moved to the Shift-DR state. This allows the board level scan path to be shortened to facili-
tate testing of other devices in the scan path.
SAMPLE/PRELOAD
SAMPLE/PRELOAD is a Standard 1149.1 mandatory public instruction. When the SAMPLE / PRELOAD instruction is
loaded in the Instruction Register, moving the TAP controller into the Capture-DR state loads the data in the RAMs input and
I/O buffers into the Boundary Scan Register. Boundary Scan Register locations are not associated with an input or I/O pin, and
are loaded with the default state identified in the Boundary Scan Chain table at the end of this section of the datasheet. Because
the RAM clock is independent from the TAP Clock (TCK) it is possible for the TAP to attempt to capture the I/O ring contents
while the input buffers are in transition (i.e. in a metastable state). Although allowing the TAP to sample metastable inputs will
not harm the device, repeatable results cannot be expected. RAM input signals must be stabilized for long enough to meet the
TAPs input data capture set-up plus hold time (tTS plus tTH). The RAMs clock inputs need not be paused for any other TAP
operation except capturing the I/O ring contents into the Boundary Scan Register. Moving the controller to Shift-DR state then
places the boundary scan register between the TDI and TDO pins.
EXTEST
EXTEST is an IEEE 1149.1 mandatory public instruction. It is to be executed whenever the instruction register is loaded with
all logic 0s. The EXTEST command does not block or override the RAM’s input pins; therefore, the RAM’s internal state is
still determined by its input pins.
Select DR
Capture DR
Shift DR
Exit1 DR
Pause DR
Exit2 DR
Update DR
Select IR
Capture IR
Shift IR
Exit1 IR
Pause IR
Exit2 IR
Update IR
Test Logic Reset
Run Test Idle
0
0
1
0
1
1
0
0
1
1
1
0
0
1
1
0
0
0
0
1
1
0
0
1
10
0
0
1
11
1


Similar Part No. - GS8170DW36AGC-350I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-200 GSI-GS8170DW36C-200 Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-200I GSI-GS8170DW36C-200I Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-250 GSI-GS8170DW36C-250 Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-250I GSI-GS8170DW36C-250I Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
More results

Similar Description - GS8170DW36AGC-350I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170DD36C GSI-GS8170DD36C Datasheet
716Kb / 29P
   18Mb 誇1x2Lp CMOS I/O Double Data Rate SigmaRAM
GS8330DW36 GSI-GS8330DW36 Datasheet
583Kb / 30P
   Double Late Write SigmaRAM
logo
Motorola, Inc
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com