Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8170DW36AGC-350I Datasheet(PDF) 30 Page - GSI Technology

Part # GS8170DW36AGC-350I
Description  18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8170DW36AGC-350I Datasheet(HTML) 30 Page - GSI Technology

Back Button GS8170DW36AGC-350I Datasheet HTML 24Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 25Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 26Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 27Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 28Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 29Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 30Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 31Page - GSI Technology GS8170DW36AGC-350I Datasheet HTML 32Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
GS8170DW36/72AC-350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2005
30/32
© 2003, GSI Technology
Ordering Information—GSI SigmaRAM
Org
Part Number
Type
I/O
Speed
(MHz)
TA
512K x 36
GS8170DW36AC-350
Double Late Write
Σ1x1Dp ΣRAM
CMOS
350MHz
C
512K x 36
GS8170DW36AC-333
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
333 MHz
C
512K x 36
GS8170DW36AC-300
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
300 MHz
C
512K x 36
GS8170DW36AC-250
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
250 MHz
C
512K x 36
GS8170DW36AC-350I
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
350 MHz
I
512K x 36
GS8170DW36AC-333I
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
333 MHz
I
512K x 36
GS8170DW36AC-300I
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
300 MHz
I
512K x 36
GS8170DW36AC-250I
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
250 MHz
I
256K x 72
GS8170DW72AC-350
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
350MHz
C
256K x 72
GS8170DW72AC-333
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
333 MHz
C
256K x 72
GS8170DW72AC-300
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
300 MHz
C
256K x 72
GS8170DW72AC-250
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
250 MHz
C
256K x 72
GS8170DW72AC-350I
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
350 MHz
I
256K x 72
GS8170DW72AC-333I
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
333 MHz
I
256K x 72
GS8170DW72AC-300I
Double
Late Write
Σ1x1Dp ΣRAM
CMOS
300 MHz
I
256K x 72
GS8170DW72AC-250I
Double
5Late Write
Σ1x1Dp ΣRAM
CMOS
250 MHz
I
512K x 36
GS8170DW36AGC-350
Pb-Free Double Late Write
Σ1x1Dp ΣRAM
CMOS
350MHz
C
512K x 36
GS8170DW36AGC-333
Pb-Free Double Late Write
Σ1x1Dp ΣRAM
CMOS
333 MHz
C
512K x 36
GS8170DW36AGC-300
Pb-Free Double Late Write
Σ1x1Dp ΣRAM
CMOS
300 MHz
C
512K x 36
GS8170DW36AGC-250
Pb-Free Double Late Write
Σ1x1Dp ΣRAM
CMOS
250 MHz
C
512K x 36
GS8170DW36AGC-350I
Pb-Free Double Late Write
Σ1x1Dp ΣRAM
CMOS
350 MHz
I
512K x 36
GS8170DW36AGC-333I
Pb-Free Double Late Write
Σ1x1Dp ΣRAM
CMOS
333 MHz
I
512K x 36
GS8170DW36AGC-300I
Pb-Free Double Late Write
Σ1x1Dp ΣRAM
CMOS
300 MHz
I
512K x 36
GS8170DW36AGC-250I
Pb-Free Double Late Write
Σ1x1Dp ΣRAM
CMOS
250 MHz
I
256K x 72
GS8170DW72AGC-350
Pb-Free Double Late Write
Σ1x1Dp ΣRAM
CMOS
350MHz
C
256K x 72
GS8170DW72AGC-333
Pb-Free Double Late Write
Σ1x1Dp ΣRAM
CMOS
333 MHz
C
256K x 72
GS8170DW72AGC-300
Pb-Free Double Late Write
Σ1x1Dp ΣRAM
CMOS
300 MHz
C
Notes:
1. Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. Example: GS817xx72C-300T.
2. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range.


Similar Part No. - GS8170DW36AGC-350I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-200 GSI-GS8170DW36C-200 Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-200I GSI-GS8170DW36C-200I Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-250 GSI-GS8170DW36C-250 Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-250I GSI-GS8170DW36C-250I Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
More results

Similar Description - GS8170DW36AGC-350I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170DD36C GSI-GS8170DD36C Datasheet
716Kb / 29P
   18Mb 誇1x2Lp CMOS I/O Double Data Rate SigmaRAM
GS8330DW36 GSI-GS8330DW36 Datasheet
583Kb / 30P
   Double Late Write SigmaRAM
logo
Motorola, Inc
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com