Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8170DW36AGC-333I Datasheet(PDF) 15 Page - GSI Technology

Part # GS8170DW36AGC-333I
Description  18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8170DW36AGC-333I Datasheet(HTML) 15 Page - GSI Technology

Back Button GS8170DW36AGC-333I Datasheet HTML 11Page - GSI Technology GS8170DW36AGC-333I Datasheet HTML 12Page - GSI Technology GS8170DW36AGC-333I Datasheet HTML 13Page - GSI Technology GS8170DW36AGC-333I Datasheet HTML 14Page - GSI Technology GS8170DW36AGC-333I Datasheet HTML 15Page - GSI Technology GS8170DW36AGC-333I Datasheet HTML 16Page - GSI Technology GS8170DW36AGC-333I Datasheet HTML 17Page - GSI Technology GS8170DW36AGC-333I Datasheet HTML 18Page - GSI Technology GS8170DW36AGC-333I Datasheet HTML 19Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
GS8170DW36/72AC-350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2005
15/32
© 2003, GSI Technology
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions, for an extended period of time, may affect
reliability of this component.
Recommended Operating Conditions
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
–0.5 to 2.5
V
VDDQ
Voltage in VDDQ Pins
–0.5 to VDD
V
VI/O
Voltage on I/O Pins
–0.5 to VDDQ + 0.5 (≤ 2.5 V max.)
V
VIN
Voltage on Other Input Pins
–0.5 to VDDQ + 0.5 (≤ 2.5 V max.)
V
IIN
Input Current on Any Pin
+/–100
mA dc
IOUT
Output Current on Any I/O Pin
+/–100
mA dc
TJ
Maximum Junction Temperature
125
oC
TSTG
Storage Temperature
–55 to 125
ºC
Power Supplies
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Supply Voltage
VDD
1.7
1.8
1.95
V
1.8 V I/O Supply Voltage
VDDQ
1.7
1.8
VDD
V
Ambient Temperature
(Commercial Range Versions)
TA
0
25
70
°C
1
Ambient Temperature
(Industrial Range Versions)
TA
–40
25
85
°C
1
Note:
The part number of Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifications quoted
are evaluated for worst case in the temperature range marked on the device.
CMOS I/O DC Input Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
CMOS Input High Voltage
VIH
0.65 * VDDQ
VDDQ + 0.3
V
1
CMOS Input Low Voltage
VIL
–0.3
0.35 * VDDQ
V
1
Note: For devices supplied with CMOS input buffers. Compatible with both 1.8 V and 1.5 V I/O drivers.


Similar Part No. - GS8170DW36AGC-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-200 GSI-GS8170DW36C-200 Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-200I GSI-GS8170DW36C-200I Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-250 GSI-GS8170DW36C-250 Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-250I GSI-GS8170DW36C-250I Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
More results

Similar Description - GS8170DW36AGC-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170DD36C GSI-GS8170DD36C Datasheet
716Kb / 29P
   18Mb 誇1x2Lp CMOS I/O Double Data Rate SigmaRAM
GS8330DW36 GSI-GS8330DW36 Datasheet
583Kb / 30P
   Double Late Write SigmaRAM
logo
Motorola, Inc
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com