Selected language     English  ▼


GS8170DW36AGC-300I Datasheet(PDF) 9 Page - GSI Technology

Part No. GS8170DW36AGC-300I
Description  18Mb Σ1x1Dp CMOS I/O Double Late Write SigmaRAM
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

 9 page
background image
GS8170DW36/72AC-350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2005
9/32
© 2003, GSI Technology
SigmaRAM Double Late Write SRAM Burst Writes with Counter Wrap-around
Burst Order
The burst address counter wraps around to its initial state after four internal addresses (the loaded address and three more) have
been accessed. SigmaRAMs always count in linear burst order.
Note:
The burst counter wraps to initial state on the 5th rising edge of clock.
Echo Clock
SRAMs feature Echo Clocks, CQ1, CQ2, CQ1, and CQ2 that track the performance of the output drivers. The Echo Clocks are
delayed copies of the main RAM clock, CK. Echo Clocks are designed to track changes in output driver delays due to variance in
die temperature and supply voltage. The Echo Clocks are designed to fire with the rest of the data output drivers. SigmaRAMs
provide both in-phase, or true, Echo Clock outputs (CQ1 and CQ2) and inverted Echo Clock outputs (CQ1 and CQ2).
It should be noted that deselection of the RAM via E2 and E3 also deselects the Echo Clock output drivers. The deselection of
Echo Clock drivers is always pipelined to the same degree as output data. Deselection of the RAM via E1 does not deactivate the
Echo Clocks.
Linear Burst Order
A[1:0]
1st address
00
01
10
11
2nd address
01
10
11
00
3rd address
10
11
00
01
4th address
11
00
01
10
ADV
Counter Wraps
D1
D2
D0
/E1
/W
CQ
DQ
D2
D3
Write
Continue
XX
Internal
Address
A2
A3
A0
A1
A2
CK
Address
A2
XX
Continue
Continue
Continue
XX
XX
XX




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS8170DW36C18Mb Σ1x1Dp CMOS I/O Double Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8171DW36AC18Mb Σ1x1Dp HSTL I/O Double Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8170LW3618Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8170LW36AC18Mb Σ1x1Lp CMOS I/O Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8330LW36C36Mb Σ1x1Lp CMOS I/O Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8170DD36C18Mb Σ1x2Lp CMOS I/O Double Data Rate SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8330DW36Double Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS815018AB1M x 18 512K x 36 18Mb Register-Register Late Write SRAM 1 2 3 4 5 MoreGSI Technology
UPD44433624M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE 1 2 3 4 5 MoreNEC
UPD44833628M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 256K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl