Selected language     English  ▼


GS8170DW36AGC-250I Datasheet(PDF) 5 Page - GSI Technology

Part No. GS8170DW36AGC-250I
Description  18Mb Σ1x1Dp CMOS I/O Double Late Write SigmaRAM
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

 
 5 page
background image
GS8170DW36/72AC-350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2005
5/32
© 2003, GSI Technology
Read Operations
Pipelined Read
Read operation is initiated when the following conditions are satisfied at the rising edge of clock: All three chip enables (E1, E2,
and E3) are active, the write enable input signal (W) is deasserted high, and ADV is asserted low. The address presented to the
address inputs is latched into the address register and presented to the memory core and control logic. The control logic determines
that a read access is in progress and allows the requested data to propagate to the input of the output register. At the next rising edge
of clock the read data is allowed to propagate through the output register and onto the output pins.
Write Operations
Write operation occurs when the following conditions are satisfied at the rising edge of clock: All three chip enables (E1, E2, and
E3) are active, the write enable input signal (W) is asserted low, and ADV is asserted low.
Single Data Rate Pipelined Read
F
D
Address
Read
CK
E
QC
QD
CQ
Read
Deselect
Read
Read
AXX
C
Key
Hi-Z
Access
ADV
QA
/E1
/W
DQ




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS8170DW36C18Mb Σ1x1Dp CMOS I/O Double Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8171DW36AC18Mb Σ1x1Dp HSTL I/O Double Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8170LW3618Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8170LW36AC18Mb Σ1x1Lp CMOS I/O Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8330LW36C36Mb Σ1x1Lp CMOS I/O Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8170DD36C18Mb Σ1x2Lp CMOS I/O Double Data Rate SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS8330DW36Double Late Write SigmaRAM 1 2 3 4 5 MoreGSI Technology
GS815018AB1M x 18 512K x 36 18Mb Register-Register Late Write SRAM 1 2 3 4 5 MoreGSI Technology
UPD44433624M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE 1 2 3 4 5 MoreNEC
UPD44833628M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 256K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl