Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE056LCC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # XE056LCC
Description  Surface-Mount Slim-Link DAA for 56K bps Data Transfer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE056LCC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  XE056LCC Datasheet HTML 1Page - List of Unclassifed Manufacturers XE056LCC Datasheet HTML 2Page - List of Unclassifed Manufacturers XE056LCC Datasheet HTML 3Page - List of Unclassifed Manufacturers XE056LCC Datasheet HTML 4Page - List of Unclassifed Manufacturers XE056LCC Datasheet HTML 5Page - List of Unclassifed Manufacturers XE056LCC Datasheet HTML 6Page - List of Unclassifed Manufacturers XE056LCC Datasheet HTML 7Page - List of Unclassifed Manufacturers XE056LCC Datasheet HTML 8Page - List of Unclassifed Manufacturers XE056LCC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
XECOM
(5)
XE056LCC
Typical Connections Diagram
Recommended Parts
C1, C2
470 pFd, 1500 Volts; C1 and C2 may be required for EMI filtering to prevent unintended
radiation when the telephone cable is attached to your system. These capacitors must be
rated at a minimum of 1500 volts to maintain the isolation required by FCC Part 68 Rules.
FB1., FB2 FB1 and FB2 are ferrite beads provided for EMI filtering. Xecom recommends the TDK
ACB2012L-120 which provides more than 100 ohms impedance above 100 MHz.
RJ11
TDK
73M1903
Analog
Front-End
XECOM
XE056LCC
Ring
2
Ti p
4
18
RI
15
T1
14
T2
12
/OH
11
VCC
10
Gnd
GPIO0
GPIO1
TXAP
TXAN
RXAP
RXA N
3.3 V
C1
C2
FB1
FB2
0.15 µFd
140 Ω
140 Ω
42K Ω
42K Ω
0.15 µFd
58K Ω
58K Ω


Similar Part No. - XE056LCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE0002B ETC-XE0002B Datasheet
161Kb / 8P
   DAA with 2/4 Wire Hybrid
XE0002D ETC1-XE0002D Datasheet
53Kb / 7P
   Modular DAA with 2/4 Wire Convertor
XE0017 ETC-XE0017 Datasheet
28Kb / 6P
   Low-Profile, V.34 Compatible Telephone Line Interface
XE0020 ETC-XE0020 Datasheet
26Kb / 6P
   Telephone Line Interface with Active Line Monitoring
XE0020C ETC-XE0020C Datasheet
26Kb / 6P
   Telephone Line Interface with Active Line Monitoring
More results

Similar Description - XE056LCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE0092 ETC1-XE0092 Datasheet
116Kb / 11P
   Surface-Mount DAA Modules for Audio or Data Transfer
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
   Low-Cost, 2400 BPS Surface-Mount Modem
logo
Clare, Inc.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
   Data Access Arrangement (DAA) Module
logo
List of Unclassifed Man...
56K ETC1-56K Datasheet
34Kb / 1P
   56k-AGM
logo
Freescale Semiconductor...
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
List of Unclassifed Man...
XE3386L ETC-XE3386L Datasheet
58Kb / 16P
   Compact 33,600 BPS Data and Fax Modem
logo
Motorola, Inc
MC33492 MOTOROLA-MC33492 Datasheet
849Kb / 16P
   PLL Tuned UHF Transmitter for Data Transfer Applications
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com