Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8162Z72C-200I Datasheet(PDF) 1 Page - GSI Technology

Part # GS8162Z72C-200I
Description  18Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8162Z72C-200I Datasheet(HTML) 1 Page - GSI Technology

  GS8162Z72C-200I Datasheet HTML 1Page - GSI Technology GS8162Z72C-200I Datasheet HTML 2Page - GSI Technology GS8162Z72C-200I Datasheet HTML 3Page - GSI Technology GS8162Z72C-200I Datasheet HTML 4Page - GSI Technology GS8162Z72C-200I Datasheet HTML 5Page - GSI Technology GS8162Z72C-200I Datasheet HTML 6Page - GSI Technology GS8162Z72C-200I Datasheet HTML 7Page - GSI Technology GS8162Z72C-200I Datasheet HTML 8Page - GSI Technology GS8162Z72C-200I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
GS8162Z18(B/D)/GS8162Z36(B/D)/GS8162Z72(C)
18Mb Pipelined and Flow Through
Synchronous NBT SRAM
250 MHz–133 MHz 2.5
V or 3.3 V VDD
2.5 V or 3.3 V I/O
119, 165, & 209 BGA
Commercial Temp
Industrial Temp
Rev: 2.21 11/2004
1/38
© 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• NBT (No Bus Turn Around) functionality allows zero wait
Read-Write-Read bus utilization; fully pin-compatible with
both pipelined and flow through NtRAM™, NoBL™ and
ZBT™ SRAMs
• 2.5 V or 3.3 V +10%/–10% core power supply
• 2.5 V or 3.3 V I/O supply
• User-configurable Pipeline and Flow Through mode
• ZQ mode pin for user-selectable high/low output drive
• IEEE 1149.1 JTAG-compatible Boundary Scan
• LBO pin for Linear or Interleave Burst mode
• Pin-compatible with 2M, 4M, and 8M devices
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• ZZ Pin for automatic power-down
• JEDEC-standard 119-, 165-, or 209-Bump BGA package
Functional Description
The GS8162Z18(B/D)/36(B/D)/72(C) is an 18Mbit
Synchronous Static SRAM. GSI's NBT SRAMs, like ZBT,
NtRAM, NoBL or other pipelined read/double late write or
flow through read/single late write SRAMs, allow utilization
of all available bus bandwidth by eliminating the need to insert
deselect cycles when the device is switched from read to write
cycles.
Because it is a synchronous device, address, data inputs, and
read/write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
Sleep mode enable (ZZ) and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS8162Z18(B/D)/36(B/D)/72(C) may be configured by
the user to operate in Pipeline or Flow Through mode.
Operating as a pipelined synchronous device, in addition to the
rising-edge-triggered registers that capture input signals, the
device incorporates a rising edge triggered output register. For
read cycles, pipelined SRAM output data is temporarily stored
by the edge-triggered output register during the access cycle
and then released to the output drivers at the next rising edge of
clock.
The GS8162Z18(B/D)/36(B/D)/72(C) is implemented with
GSI's high performance CMOS technology and is available in
a JEDEC-standard 119-bump (x18 & x36), 165-bump (x18 &
x36), or 209-bump (x72) BGA package.
Parameter Synopsis
-250 -225 -200 -166 -150 -133 Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
4.0
2.7
4.4
3.0
5.0
3.4
6.0
3.8
6.7
4.0
7.5
ns
ns
3.3 V
Curr (x18)
Curr (x36)
Curr (x72)
280
330
n/a
255
300
n/a
230
270
350
200
230
300
185
215
270
165
190
245
mA
mA
mA
2.5 V
Curr (x18)
Curr (x36)
Curr (x72)
275
320
n/a
250
295
n/a
230
265
335
195
225
290
180
210
260
165
185
235
mA
mA
mA
Flow
Through
2-1-1-1
tKQ
tCycle
5.5
5.5
6.0
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.5
8.5
ns
ns
3.3 V
Curr (x18)
Curr (x36)
Curr (x72)
175
200
n/a
165
190
n/a
160
180
225
150
170
115
145
165
210
135
150
185
mA
mA
mA
2.5 V
Curr (x18)
Curr (x36)
Curr (x72)
175
200
n/a
165
190
n/a
160
180
225
150
170
115
145
165
210
135
150
185
mA
mA
mA


Similar Part No. - GS8162Z72C-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8162Z72C-200I GSI-GS8162Z72C-200I Datasheet
1Mb / 31P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS8162Z72C-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8162Z18BB-V GSI-GS8162Z18BB-V Datasheet
1Mb / 33P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72C GSI-GS8162Z72C Datasheet
1Mb / 31P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-V GSI-GS8162Z72CC-V Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18CT GSI-GS8160Z18CT Datasheet
575Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18 GSI-GS8161Z18 Datasheet
939Kb / 36P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18BT-V GSI-GS8160Z18BT-V Datasheet
916Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18T GSI-GS8160Z18T Datasheet
616Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160ZV18CT GSI-GS8160ZV18CT Datasheet
565Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18BT-V GSI-GS8161Z18BT-V Datasheet
1Mb / 35P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18BB GSI-GS8162Z18BB Datasheet
1Mb / 34P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18B GSI-GS8161Z18B Datasheet
863Kb / 37P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com