Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTM1QDD Datasheet(PDF) 1 Page - Tyco Electronics

Part # VTM1QDD
Description  On-Delay Timing Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VTM1QDD Datasheet(HTML) 1 Page - Tyco Electronics

  VTM1QDD Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1241
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
AGASTAT
Catalog 1308242
Issued 3-03 (PDF Rev. 4-04)
VTM1 series
On-Delay
Timing Module
• On-delay timing mode
• Reliable solid state timing circuitry.
• Excellent transient protection.
• Compact design.
• Flame retardant, solvent resistant housing.
File E60363
File LR33434
Timing Mode
On-Delay.
Timing Specifications
Timing Ranges: 0.5 to 10 / 3 to 60 sec.; 0.5 to 10 / 3 to 60 min.
Timing Adjustment: External resistor or potentiometer. An external
resistance of 1 megohm is required to obtain the
maximum time for all ranges. To determine the actual
resistance needed to obtain the required time delay,
use the following formula:
Rt =
(
) x 1,000,000 ohms
Accuracy: Repeat Accuracy:
±1%
Overall Accuracy:
±2% at R = 1 megohm.
Reset Time: 100 ms, max., before time-out; 10 ms, max., after time-out.
Output Switch Data
Arrangement: Solid state 1 Form A (SPST-NO).
Rating: 1A, inductive, at nominal operating voltage.
Expected Electrical Life: 10,000,000 operations at rated load.
Outline Dimensions
Wiring Diagram
Mechanical Data
Mounting: Panel mount with one #8 screw.
Termination: 0.250 in (6.35) quick connect terminals.
Weight: 3 oz. (84g) approximately.
Environmental Data
Temperature Range: Storage: -40
°C to +85°C.
Operating: -40
°C to +65°C.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Ordering Information
Authorized distributors are likely to stock the following:
VTM1ECD
VTM1EDD
Initial Dielectric Strength
Between Terminals and Mounting: 3,000VAC rms.
Between Input and Output: 1,500VAC rms.
Treq - Tmin
Tmax - Tmin
Input Data @ 25
°C
Voltage: 12 VAC/VDC, 24VAC/VDC, 120 VAC/VDC.
Power Requirement: 3W, max.
Transient Protection: Non-repetitive transients of the following magni-
tudes will not cause spurious operation of affect function and accuracy.
Operating Voltage
<0.1 ms
<1 ms
12, 24 VAC/VDC
860V*
208V*
120 VAC/VDC
2,580V
2,150V*
* Min. source impedance of 100 ohm.
2.00
(50.8)
2.00
(50.8)
.170 DIA (4.32)
ACCEPTS #8 SCREW
.250 (6.35) X .032 (.813)
QUICK CONNECTS
1.25
(31.8)
.885
(22.5)
LOAD
INPUT
VOLTAGE
An external resistance of 1 megohm is
required to obtain the maximum time
for all ranges. To determine the actual
resistance needed to obtain the
required time delay, use the following
formula:
Rt =
(
)x 1,000,000 ohms
Treq - Tmin
Tmax - Tmin
VTM1
A
CD
||
|
Series VTM1
Input Voltage
Time Range
On-Delay
A = 120VAC/VDC
CD = 0.5 - 10 sec.
Timing Module
E = 24VAC/VDC
DD = 3 - 60 sec.
Q = 12VAC/VDC
FD = 0.5 - 10 min.
GD = 3 - 60 min.


Similar Part No. - VTM1QDD

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTM12-S-C/D ETA-USA-VTM12-S-C/D Datasheet
6Mb / 3P
   15W Isolated Power Supply
VTM12-SC12 ETA-USA-VTM12-SC12 Datasheet
6Mb / 3P
   15W Isolated Power Supply
VTM12SA ETA-USA-VTM12SA Datasheet
360Kb / 3P
   15 WATT AC-DC CONVERTER
VTM12SB ETA-USA-VTM12SB Datasheet
358Kb / 3P
   15 WATT AC-DC CONVERTER
VTM15-S-C/D ETA-USA-VTM15-S-C/D Datasheet
6Mb / 3P
   15W Isolated Power Supply
More results

Similar Description - VTM1QDD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VTM-1 MACOM-VTM-1 Datasheet
186Kb / 1P
   Specification Grade, On-Delay Timing Module
VTMA1 MACOM-VTMA1 Datasheet
211Kb / 1P
   On-Delay Timing Module With Internal Potentiometer
VTM2 MACOM-VTM2 Datasheet
236Kb / 1P
   Off-Delay Timing Module
CLCU MACOM-CLCU Datasheet
51Kb / 2P
   Delay on operate timing mode
logo
TE Connectivity Ltd
VTM-1 TEC-VTM-1 Datasheet
171Kb / 1P
   n On-delay timing mode
logo
Tyco Electronics
VTMR1 MACOM-VTMR1 Datasheet
204Kb / 1P
   On-Delay Timing Module With Internal Potentiometer, Relay Output
6001-6002C MACOM-6001-6002C Datasheet
60Kb / 1P
   6001 Series Delay On Operate Digital Timing Module Fixed Timing, Solid State Output
logo
Schneider Electric
9050JCK13V20 SCHNEIDER-9050JCK13V20 Datasheet
122Kb / 4P
   Timing Relay, Type JCK, plug In, on delay, Timing Relay, Type JCK, plug In, on delay, VAC, 120 VAC/110 VDC
logo
Tyco Electronics
2401-1A-1102 MACOM-2401-1A-1102 Datasheet
74Kb / 1P
   2400 Series Delay On Operate Timer Fixed Timing, Relay Output
logo
Littelfuse
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
   Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com