Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT374APW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ABT374APW
Description  Octal D-type flip-flop; positive-edge trigger 3-State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT374APW Datasheet(HTML) 4 Page - NXP Semiconductors

  74ABT374APW Datasheet HTML 1Page - NXP Semiconductors 74ABT374APW Datasheet HTML 2Page - NXP Semiconductors 74ABT374APW Datasheet HTML 3Page - NXP Semiconductors 74ABT374APW Datasheet HTML 4Page - NXP Semiconductors 74ABT374APW Datasheet HTML 5Page - NXP Semiconductors 74ABT374APW Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
74ABT374A
Octal D-type flip-flop; positive-edge trigger
(3-State)
1995 Sep 06
4
DC ELECTRICAL CHARACTERISTICS
SYMBOL
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
MIN
TYP
MAX
MIN
MAX
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
VRST
Power-up output low voltage3
VCC = 5.5V; IO = 1mA; VI = GND or VCC
0.13
0.55
0.55
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/IPD
Power-up/down 3-State
output current
VCC = 0.0V; IO = 1mA; VI = GND or VCC;
V OE = Don’t Care
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
5.0
50
50
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–5.0
–50
–50
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 0.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–100
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
110
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
24
30
30
mA
ICCZ
VCC = 5.5V; Outputs 3–State;
VI = GND or VCC
110
250
250
µA
∆ICC
Additional supply current per
input pin2
VCC = 5.5V; one input at 3.4V,
other inputs at VCC or GND
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
fMAX
Maximum clock frequency
1
200
300
200
ns
tPLH
tPHL
Propagation delay
CP to Qn
1
1.7
2.0
3.4
3.8
4.5
4.9
1.7
2.0
5.1
5.2
ns
tPZH
tPZL
Output enable time
to High and Low level
3
4
1.2
2.2
3.5
4.3
4.5
5.4
1.2
2.2
5.4
6.2
ns
tPHZ
tPLZ
Output disable time
from High and Low level
3
4
1.8
1.5
3.6
3.0
4.7
4.1
1.8
1.5
5.2
4.3
ns


Similar Part No. - 74ABT374APW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT374 FAIRCHILD-74ABT374 Datasheet
133Kb / 11P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT374 FAIRCHILD-74ABT374 Datasheet
310Kb / 13P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT374CMSA FAIRCHILD-74ABT374CMSA Datasheet
310Kb / 13P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT374CMTC FAIRCHILD-74ABT374CMTC Datasheet
310Kb / 13P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT374CSC FAIRCHILD-74ABT374CSC Datasheet
310Kb / 13P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ABT374APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com