Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8321Z36GE-200V Datasheet(PDF) 8 Page - GSI Technology

Part # GS8321Z36GE-200V
Description  36Mb Pipelined and Flow Through Synchronous NBT SRAMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8321Z36GE-200V Datasheet(HTML) 8 Page - GSI Technology

Back Button GS8321Z36GE-200V Datasheet HTML 4Page - GSI Technology GS8321Z36GE-200V Datasheet HTML 5Page - GSI Technology GS8321Z36GE-200V Datasheet HTML 6Page - GSI Technology GS8321Z36GE-200V Datasheet HTML 7Page - GSI Technology GS8321Z36GE-200V Datasheet HTML 8Page - GSI Technology GS8321Z36GE-200V Datasheet HTML 9Page - GSI Technology GS8321Z36GE-200V Datasheet HTML 10Page - GSI Technology GS8321Z36GE-200V Datasheet HTML 11Page - GSI Technology GS8321Z36GE-200V Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Synchronous Truth Table
Operation
Type Address CK CKE ADV W Bx E1 E2 E3 G ZZ
DQ
Notes
Read Cycle, Begin Burst
R
External
L-H
L
L
H
X
L
H
L
L
L
Q
Read Cycle, Continue Burst
B
Next
L-H
L
H
X
X
X
X
X
L
L
Q
1,10
NOP/Read, Begin Burst
R
External
L-H
L
L
H
X
L
H
L
H
L
High-Z
2
Dummy Read, Continue Burst
B
Next
L-H
L
H
X
X
X
X
X
H
L
High-Z
1,2,10
Write Cycle, Begin Burst
W
External
L-H
L
L
L
L
L
H
L
X
L
D
3
Write Cycle, Continue Burst
B
Next
L-H
L
H
X
L
X
X
X
X
L
D
1,3,10
Write Abort, Continue Burst
B
Next
L-H
L
H
X
H
X
X
X
X
L
High-Z 1,2,3,10
Deselect Cycle, Power Down
D
None
L-H
L
L
X
X
H
X
X
X
L
High-Z
Deselect Cycle, Power Down
D
None
L-H
L
L
X
X
X
X
H
X
L
High-Z
Deselect Cycle, Power Down
D
None
L-H
L
L
X
X
X
L
X
X
L
High-Z
Deselect Cycle
D
None
L-H
L
L
L
H
L
H
L
X
L
High-Z
1
Deselect Cycle, Continue
D
None
L-H
L
H
X
X
X
X
X
X
L
High-Z
1
Sleep Mode
None
X
X
X
X
X
X
X
X
X
H
High-Z
Clock Edge Ignore, Stall
Current
L-H
H
X
X
X
X
X
X
X
L
-
4
Notes:
1. Continue Burst cycles, whether read or write, use the same control inputs. A Deselect continue cycle can only be entered into if a Dese-
lect cycle is executed first.
2. Dummy Read and Write abort can be considered NOPs because the SRAM performs no operation. A Write abort occurs when the W
pin is sampled low but no Byte Write pins are active so no write operation is performed.
3. G can be wired low to minimize the number of control signals provided to the SRAM. Output drivers will automatically turn off during
write cycles.
4. If CKE High occurs during a pipelined read cycle, the DQ bus will remain active (Low Z). If CKE High occurs during a write cycle, the bus
will remain in High Z.
5.
X = Don’t Care; H = Logic High; L = Logic Low; Bx = High = All Byte Write signals are high; Bx = Low = One or more Byte/Write
signals are Low
6. All inputs, except G and ZZ must meet setup and hold times of rising clock edge.
7. Wait states can be inserted by setting CKE high.
8. This device contains circuitry that ensures all outputs are in High Z during power-up.
9. A 2-bit burst counter is incorporated.
10. The address counter is incriminated for all Burst continue cycles.
GS8321Z18/32/36E-xxxV
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 6/2006
8/32
© 2003, GSI Technology


Similar Part No. - GS8321Z36GE-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8321Z36GE-200 GSI-GS8321Z36GE-200 Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results

Similar Description - GS8321Z36GE-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T-V GSI-GS8320Z18T-V Datasheet
1,013Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E GSI-GS8321Z18E Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z36AGT-200I GSI-GS8320Z36AGT-200I Datasheet
246Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
List of Unclassifed Man...
GS8320Z36T-166 ETC-GS8320Z36T-166 Datasheet
643Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
GSI Technology
GS8321ZV18 GSI-GS8321ZV18 Datasheet
800Kb / 31P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z36AGD-250IV GSI-GS8321Z36AGD-250IV Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z36DGT-200I GSI-GS8160Z36DGT-200I Datasheet
246Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com